Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-06E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-06E
Description  10" In-Vehicle Smart Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-06E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  RAM-MOUNT-06E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/digital-logistics/
Online Download
Dimensions
Unit: mm
TREK-306PH
I/O Connectors
Unit: mm
Ordering Information
Part Number
Description
TREK-306P-HA0E
TREK-306P, 10.4” XVGA PCAP Smart Display
Optional Items
Part Number
Description
RAM-MOUNT-06E
VESA RAM mount w/VESA base(3.625") & 5.625" double
socket arm for 1.5" ball base
RAM-MOUNT-07E
5.625" double socket arm for 1.5" ball base
1700020007
2-meter smart display cable (Paired with TREK-5xx/6xx)
1700020008
5-meter smart display cable (Paired with TREK-5xx/6xx)
A. B. Speaker
C. User-defined hotkeys
D. Light sensor
E. Reset, power, USB host (side)
A
C
D
USB Host
Reset Button
Smart Display Port
Power Button
B
E
302.6
35
75



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com