Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST19WR08 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST19WR08
Description  Dual Contactless Smartcard MCU With RF UART, IART & 8 Kbytes EEPROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19WR08 Datasheet(HTML) 2 Page - STMicroelectronics

  ST19WR08 Datasheet HTML 1Page - STMicroelectronics ST19WR08 Datasheet HTML 2Page - STMicroelectronics ST19WR08 Datasheet HTML 3Page - STMicroelectronics ST19WR08 Datasheet HTML 4Page - STMicroelectronics ST19WR08 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Summary description
ST19WR08
2/5
1
Summary description
1.1
Hardware overview
The product, member of the ST19W platform, is a serial access microcontroller specially
designed for cost-effective secure portable applications.
It is manufactured using an advanced highly reliable ST CMOS EEPROM technology.
It is based on the STMicroelectronics 8-bit CPU already implemented on the ST19X product
family and includes on-chip memories: User ROM, User RAM and EEPROM with state-of-
the-art security features. ROM, RAM and EEPROM memories can be configured into
partitions with customized access rules.
An additional ST ROM contains all ST provided functions and libraries.
Access from any memory area to another are protected by hardware firewalls. Access rules
are user-defined and can be selected by mask options.
The chip includes an Enhanced DES accelerator which is accessible via cryptographic
software libraries located in ST ROM.
An RF Interface including an RF Universal Asynchronous Receiver Transmitter (RF UART)
enables contactless communication up to 848 Kbits/s compatible with the ISO 14443-B
standard.
As with all the other ST19W products, a serial interface fully compatible with the ISO 7816
standard for Smartcard applications is available.
A CRC calculation block is also available and is directly accessible by the User.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com