Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34653EF/R2 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC34653EF/R2
Description  1.0 A Negative Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34653EF/R2 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC34653EF/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC34653EF/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC34653EF/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC34653EF/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC34653EF/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC34653EF/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC34653EF/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC34653EF/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC34653EF/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
34653
TYPICAL APPLICATIONS
POWER MOSFET ENERGY CAPABILITY
Figure 23 shows a projected energy capability of the
device’s internal Power MOSFET under a drain-to-source
voltage of 82 V and an ambient temperature of 90°C. It is
compared to the energy levels required for the capacitive
loads of 100
µF, 200 µF, and 400 µF at 80 V for the
discharge periods of 16 ms, 32 ms, and 64 ms, respectively.
It is clear that the Power MOSFET well exceeds the required
energy capability for all three cases with a sufficient margin.
For example, the 400
µF capacitor load with a 64 ms
discharge time requires an energy capability of about
1540 mJ, which is well below the Power MOSFET capability
of about 3500 mJ. As a result to this analysis the 33652 is
expected to exceedingly meet all the energy capability
requirements for the possible capacitive loads.
Figure 23. Projected Energy Capability of the Power
MOSFET Compared to the Required Energy Levels of
Some Capacitive Loads
400
µF
200
µF
100
µF
Estimated for Area =1.7 mm2
0
500
1000
1500
2000
2500
3000
3500
Time (ms)
020
40
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com