Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16312 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD16312
Description  MOS INTEGRATED CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16312 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD16312 Datasheet HTML 17Page - Renesas Technology Corp UPD16312 Datasheet HTML 18Page - Renesas Technology Corp UPD16312 Datasheet HTML 19Page - Renesas Technology Corp UPD16312 Datasheet HTML 20Page - Renesas Technology Corp UPD16312 Datasheet HTML 21Page - Renesas Technology Corp UPD16312 Datasheet HTML 22Page - Renesas Technology Corp UPD16312 Datasheet HTML 23Page - Renesas Technology Corp UPD16312 Datasheet HTML 24Page - Renesas Technology Corp UPD16312 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Data Sheet S17384EJ1V0DS
19
µPD16312
12. PACKAGE DRAWING
•
µPD16312GB-3B4
44-PIN PLASTIC QFP (10x10)
ITEM
MILLIMETERS
A
B
D
G
H
13.2
±0.4
10.0
±0.2
0.8 (T.P.)
0.35
±0.10
1.0
J
13.2
±0.4
K
S44GB-80-3B4-3
C
10.0
±0.2
I
0.15
1.6
±0.2
L
0.8
±0.2
F
1.0
N
P
Q
S
0.10
2.7
0.1
±0.1
3.0 MAX.
R5
°±5°
M
0.15+0.10
−0.05
NOTE
Each lead centerline is located within 0.15 mm of
its true position (T.P.) at maximum material condition.
33
34
22
44
1
12
11
23
S
S
N
J
detail of lead end
C
D
A
B
R
K
M
L
P
I
S
Q
G
F
M
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com