Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16340 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD16340
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16340 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD16340 Datasheet HTML 9Page - Renesas Technology Corp UPD16340 Datasheet HTML 10Page - Renesas Technology Corp UPD16340 Datasheet HTML 11Page - Renesas Technology Corp UPD16340 Datasheet HTML 12Page - Renesas Technology Corp UPD16340 Datasheet HTML 13Page - Renesas Technology Corp UPD16340 Datasheet HTML 14Page - Renesas Technology Corp UPD16340 Datasheet HTML 15Page - Renesas Technology Corp UPD16340 Datasheet HTML 16Page - Renesas Technology Corp UPD16340 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet S13685EJ1V0DS00
11
µµµµ PD16340
Timing Requirement (TA = –40 to +85
°°°°C, VDD1 = 4.5 to 5.5 V, VSS1 ==== VSS2 ==== 0 V, tr = tf ==== 6.0 ns)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Clock Pulse Width
PWCLK(H)
PWCLK(L)
12
ns
Latch Enable Pulse Width
PW/LE(H)
PW/LE(L)
12
ns
Blank Pulse Width
PW/BLK
/HBLK, /LBLK
200
ns
HZ Pulse Width
PWHZ
RL
= 10 kΩ
3.3
µ s
/CLR Pulse Width
PW/CLR
12
ns
Data Setup Time
tSETUP
4ns
Data Hold Time
tHOLD
6ns
Latch Enable Time
t/LE1
12
ns
t/LE2
12
ns
/CLR Timing
t/CLR
6ns
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com