Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16635 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD16635
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16635 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD16635 Datasheet HTML 9Page - Renesas Technology Corp UPD16635 Datasheet HTML 10Page - Renesas Technology Corp UPD16635 Datasheet HTML 11Page - Renesas Technology Corp UPD16635 Datasheet HTML 12Page - Renesas Technology Corp UPD16635 Datasheet HTML 13Page - Renesas Technology Corp UPD16635 Datasheet HTML 14Page - Renesas Technology Corp UPD16635 Datasheet HTML 15Page - Renesas Technology Corp UPD16635 Datasheet HTML 16Page - Renesas Technology Corp UPD16635 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
µPD16635
11
Absolute Maximum Ratings (TA = 25 ˚C, V SS1 = VSS2 = 0 V)
Parameter
Symbol
Rating
Unit
Logic Part Supply Voltage
VDD1
–0.5 to +6.5
V
Driver Part Supply Voltage
VDD2
–0.5 to +15.0
V
Logic Part Input Voltage
VI1
–0.5 to VDD1 + 0.5
V
Driver Part Input Voltage
VI2
–0.5 to VDD2 + 0.5
V
Logic Part Output Voltage
VO1
–0.5 to VDD1 + 0.5
V
Driver Part Output Voltage
VO2
–0.5 to VDD2 + 0.5
V
Operating Temperature Range
TA
–10 to +75
°C
Storage Temperature Range
Tstg.
–55 to +125
°C
Recommended Operating Range (TA = –10 to +75 ˚C, V SS1 = VSS2 = 0 V)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Logic Part Supply Voltage
VDD1
3.0
3.3
3.6
V
Driver Part Supply Voltage
VDD2
11.0
13.0
13.5
V
High-Level Input Voltage
VIH
0.8 VDD1
VDD1
V
Low-Level Input Voltage
VIL
0
0.2 VDD1
V
γ-Corrected Voltage
V0 to V9
VSS2 + 0.1
VDD2 – 0.1
V
Driver Part Output Voltage
VO
VSS2 + 0.2
VDD2 – 0.2
V
Maximum Clock Frequency
fmax.
33
MHz
Electrical Specifications (TA = –10 to +75
°C, VDD1 = 3.3 V ±0.3 V, VDD2 = 13.0 V ±0.5 V, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input Leak Current
IL
±1.0
µA
High-Level Output Voltage
VOH
STHR (STHL), IO = 0 mA
VDD1 – 0.1
V
Low-level Output Voltage
VOL
STHR (STHL), IO = 0 mA
0.1
V
γ-Corrected Supply Current
V0 – V9 = 10 V
V0, V9
0.3
0.6
mA
Driver Output Current
IVOH
VX – VOUT = 6 V
–0.3
mA
IVOL
VX – VOUT = –6 V
0.3
mA
VX refers to the output voltage of analog output pins S1 to S240.
VOUT refers to the voltage applied to analog output pins S1 to S240.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com