Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD9930 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD9930
Description  MOS INTEGRATED CIRCUIT
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD9930 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD9930 Datasheet HTML 17Page - Renesas Technology Corp UPD9930 Datasheet HTML 18Page - Renesas Technology Corp UPD9930 Datasheet HTML 19Page - Renesas Technology Corp UPD9930 Datasheet HTML 20Page - Renesas Technology Corp UPD9930 Datasheet HTML 21Page - Renesas Technology Corp UPD9930 Datasheet HTML 22Page - Renesas Technology Corp UPD9930 Datasheet HTML 23Page - Renesas Technology Corp UPD9930 Datasheet HTML 24Page - Renesas Technology Corp UPD9930 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
µPD9930
19
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SI input
Coding data (15 bits)
Sign bit
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SO output
Coding data (13 bits)
Sign bit
Invalid data
2.1.8 DSP Interface
A clock synchronous serial I/O is built-in to exchange voice send/receive coding data with an external DSP.
16-bit data is transferred at 8 kHz by the serial clock (SCLK = 256 kHz), serial input (SI), serial output (SO),
and enable output (SEN) lines. The REQB is a terminal for allowing/inhibiting data transmission. There are
two modes for data input and output timing, and either can be selected by the DSPSEL terminal. Select the
mode matching the DSP serial interface input/output timing. Data format is as follows: Both SO output and SI
input are in 2's complement format with MSB first.
Figure 2-11 Data Format in DSP Interface
Remark A full code is output when the SO pin is +3.17 dBm0 (A/D 1.2 Vp-p).
Remark When a full code is input to the SI pin, the accessory output is 1.2 Vp-p.
Table 2-5 DSP Input/Output Timing Mode Selection
Pin input
DSPSEL
H
MODE1
L
MODE2
Table 2-6 Allowing Data Transmission
REQB pin Input
Data Transmission
L
Data transmission is allowed. Enable signal (SEN) is output at rising edge of FSYNC (8 kHz), and
data input/output is started.
H
Enable signal is not output and data are not input or output.
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com