Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10400200 Datasheet(PDF) 1 Page - Lapp.

Part # 10400200
Description  EPIC® H-BE 16 SF / H-BE 16 BF CAGE CLAMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

10400200 Datasheet(HTML) 1 Page - Lapp.

  10400200 Datasheet HTML 1Page - Lapp. 10400200 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10400200
DATA SHEET
Valid from:
17.09.2018
EPIC® H-BE 16 SF / H-BE 16 BF CAGE CLAMP
Creator: MANA2/PDP
Released: IVSE1/PDP
Document: DB10400200EN
Version: 01
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
Standard inserts with screw termination,
crimp termination, cage clamp termination
and Push-In termination
The EPIC® H-BE series is suitable for
applications that require a reliable connection
when working with high voltages and currents
General Characteristics
Series
H-BE 10
Version
Wire Protection
Male/Female(Article 10401200)
No
Number of Contacts
16 + PE
Termination Methods
Cage clamp termination: 0.5 - 2.5 mm²
Temperature Range
-40°C to +100°C, short-term up to
+125°C
Mechanical Characteristics
Cycle of mechanical operation
100
Electrical Characteristics
Rated Voltage, IEC
500 V
Rated Voltage, UL
600 V
Rated Voltage, CSA
600 V
Rated Impulse Voltage
6 kV
Rated Current, IEC
16 A
Rated Current, UL
16 A
Rated Current, CSA
16 A
Contact Resistance
1,5-4 mOhm
Degree of Soiling
3
Materials and Surfaces
Contacts
Copper alloy, hard silver-plated
Insulating Body
PC
Flammability Class according to UL 94
V0
Approvals
UL-Approval, E-File-Number
E75770
Standard
Safety Standard
IEC 61984, UL 1977


Similar Part No. - 10400200

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
104002000001 ERNI-104002000001 Datasheet
55Kb / 1P
M 2,54 SRC-A, 4-polig
More results

Similar Description - 10400200

ManufacturerPart #DatasheetDescription
logo
Lapp.
10184002 LAPP-10184002 Datasheet
218Kb / 3P
EPIC® H-BE 16 SCM/BCM CRIMPTERMINATION
03.11.2020
10194100 LAPP-10194100 Datasheet
199Kb / 2P
EPIC® H-BE 16 SS / H-BE 16 BS
31.05.2023
10400000 LAPP-10400000 Datasheet
179Kb / 2P
EPIC® H-BE 6 SF / H-BE 6 BF CAGE CLAMP
17.09.2018
10400100 LAPP-10400100 Datasheet
199Kb / 2P
EPIC® H-BE 10 SF / H-BE 10 BF CAGE CLAMP
17.09.2018
10400300 LAPP-10400300 Datasheet
197Kb / 2P
EPIC® H-BE 24 SF / H-BE 24 BF CAGE CLAMP
17.09.2018
44423202 LAPP-44423202 Datasheet
173Kb / 3P
EPIC® H-BE 10 SP / H-BE 10 BP
26.04.2021
44423204 LAPP-44423204 Datasheet
238Kb / 3P
EPIC® H-BE 16 SP / H-BE 16 BP
26.04.2021
44423206 LAPP-44423206 Datasheet
372Kb / 3P
EPIC® H-BE 24 SP / H-BE 24 BP
26.04.2021
70315100 LAPP-70315100 Datasheet
176Kb / 2P
EPIC® TB-H-BE 16
17.09.2018
75009645 LAPP-75009645 Datasheet
175Kb / 3P
EPIC® Kit H-BE 16 SS TG M25
25.02.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com