Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10442000 Datasheet(PDF) 1 Page - Lapp.

Part # 10442000
Description  EPIC® H-A 10 AG-LB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

10442000 Datasheet(HTML) 1 Page - Lapp.

  10442000 Datasheet HTML 1Page - Lapp. 10442000 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10442000
DATA SHEET
Valid from:
17.09.2018
EPIC® H-A 10 AG-LB
Creator: MANA2/PDP
Released: IVSE1/PDP
Document: DB10442000EN
Version: 01
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
These connectors are attractive because of their
compact housing.
Small and space-saving for narrow available space
General characteristics
Series
H-A 10
Version
Panel mount base
Locking
single lever
Protection (DIN EN 60529)
IP 65 (latched)
Protection (NEMA 250, UL50E)
4, 12 (latched)
Temperature range
-40°C to +100°C, short-term up to +125°C
Materials and surfaces
Housing
Aluminium alloy, powder-coated, grey
Lever
Steel, zinc-plated
Gasket
NBR
Approvals
VDE-Approval, VDE-REG.-Nr.
B437
Standards
Safety Standard
IEC 61984


Similar Part No. - 10442000

ManufacturerPart #DatasheetDescription
logo
SICK AG
1044203 SICK-1044203 Datasheet
453Kb / 6P
MID RANGE DISTANCE SENSORS
More results

Similar Description - 10442000

ManufacturerPart #DatasheetDescription
logo
Lapp.
10448000 LAPP-10448000 Datasheet
132Kb / 2P
EPIC® H-A 10 SGR-LB
17.09.2018
10032900 LAPP-10032900 Datasheet
126Kb / 2P
EPIC® H-B 10 AG-LB
17.09.2018
10072900 LAPP-10072900 Datasheet
125Kb / 2P
EPIC® H-B 16 AG-LB
17.09.2018
10439000 LAPP-10439000 Datasheet
132Kb / 2P
EPIC® H-A 10 TBF-LB
18.09.2018
10003000 LAPP-10003000 Datasheet
135Kb / 2P
EPIC® H-B 6 AG-LB
17.09.2018
10102900 LAPP-10102900 Datasheet
125Kb / 2P
EPIC® H-B 24 AG-LB
17.09.2018
10462000 LAPP-10462000 Datasheet
118Kb / 2P
EPIC® H-A 16 AG-LB
17.09.2018
70444000 LAPP-70444000 Datasheet
133Kb / 2P
EPIC® H-A 10 AD-LB
17.09.2018
70450400 LAPP-70450400 Datasheet
131Kb / 2P
EPIC® H-A 10 TBFH-LB
17.09.2018
79455200 LAPP-79455200 Datasheet
141Kb / 2P
EPIC® H-A 10 SDR-LB
17.09.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com