Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU505DF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BU505DF
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU505DF Datasheet(HTML) 4 Page - NXP Semiconductors

  BU505DF Datasheet HTML 1Page - NXP Semiconductors BU505DF Datasheet HTML 2Page - NXP Semiconductors BU505DF Datasheet HTML 3Page - NXP Semiconductors BU505DF Datasheet HTML 4Page - NXP Semiconductors BU505DF Datasheet HTML 5Page - NXP Semiconductors BU505DF Datasheet HTML 6Page - NXP Semiconductors BU505DF Datasheet HTML 7Page - NXP Semiconductors BU505DF Datasheet HTML 8Page - NXP Semiconductors BU505DF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Aug 13
4
Philips Semiconductors
Product specification
Silicon diffused power transistors
BU505F; BU505DF
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. Measured with a half-sinewave voltage (curve tracer).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCEOsust
collector-emitter sustaining voltage IC = 0.1 A; IB = 0; L = 25 mH;
see Figs 6 and 7
700
−−
V
VCEsat
collector-emitter saturation voltage
IC = 2 A; IB = 900 mA;
see Fig.8
−−
1V
VBEsat
base-emitter saturation voltage
IC = 2 A; IB = 900 mA;
see Fig.9
−−
1.3
V
VF
diode forward voltage (BU505DF)
IF =2A
−−
1.8
V
ICES
collector-emitter cut-off current
VCE =VCESmax; VBE =0;
note 1
−−
0.15
mA
VCE =VCESmax; VBE =0;
Tj = 125 °C; note 1
−−
1mA
IEBO
emitter-base cut-off current
VEB =5V; IC =0
−−
1mA
hFE
DC current gain
see Fig.3
VCE = 5 V; IC = 2 A
2.22
−−
VCE = 5 V; IC = 100 mA
6
13
30
fT
transition frequency
VCE =5V; IC = 100 mA;
f = 1 MHz
−
7
−
MHz
Cc
collector capacitance
VCB =10V; IE =ie =0;
f = 1 MHz
−
65
−
pF
Switching times in horizontal deflection circuit (see Fig.4)
ts
storage time
ICM = 2 A; IB(end) = 900 mA;
Vdr = −4V
LB =10 µH
−
6.5
−µs
LB =15 µH
−
7.5
−µs
LB =25 µH
−
9.5
−µs
tf
fall time
ICM = 2 A; IB(end) = 900 mA;
Vdr = −4V
LB =10 µH
−
0.9
−µs
LB =15 µH
−
0.9
−µs
LB =25 µH
−
0.85
−µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com