Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU508AF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BU508AF
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU508AF Datasheet(HTML) 2 Page - NXP Semiconductors

  BU508AF Datasheet HTML 1Page - NXP Semiconductors BU508AF Datasheet HTML 2Page - NXP Semiconductors BU508AF Datasheet HTML 3Page - NXP Semiconductors BU508AF Datasheet HTML 4Page - NXP Semiconductors BU508AF Datasheet HTML 5Page - NXP Semiconductors BU508AF Datasheet HTML 6Page - NXP Semiconductors BU508AF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU508AF
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
isol
Repetitive peak voltage from all
R.H.
≤ 65 % ; clean and dustfree
-
2500
V
three terminals to external
heatsink
C
isol
Capacitance from T2 to external f = 1 MHz
-
22
-
pF
heatsink
STATIC CHARACTERISTICS
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
CES
Collector cut-off current
1
V
BE = 0 V; VCE = VCESMmax
-
-
1.0
mA
I
CES
V
BE = 0 V; VCE = VCESMmax;
-
-
2.0
mA
T
j = 125 ˚C
I
EBO
Emitter cut-off current
V
EB = 6.0 V; IC = 0 A
-
-
10
mA
V
CEOsus
Collector-emitter sustaining voltage
I
B = 0 A; IC = 100 mA;
700
-
-
V
L = 25 mH
V
CEsat
Collector-emitter saturation voltages I
C = 4.5 A; IB = 1.6 A
-
-
1.0
V
V
BEsat
Base-emitter saturation voltage
I
C = 4.5 A; IB = 2 A
-
-
1.1
V
h
FE
DC current gain
I
C = 100 mA; VCE = 5 V
6
13
30
-
DYNAMIC CHARACTERISTICS
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
f
T
Transition frequency at f = 5 MHz
I
C = 0.1 A;VCE = 5 V
7
-
MHz
C
C
Collector capacitance at f = 1MHz
V
CB = 10 V
125
-
pF
Switching times (16 kHz line
I
Csat = 4.5 A;Lc 1 mH;Cfb = 4 nF
deflection circuit)
I
B(end) = 1.4 A; LB = 6 µH; -VBB = -4 V;
-I
BM = 2.25 A
t
s
Turn-off storage time
6.5
-
µs
t
f
Turn-off fall time
0.7
-
µs
1 Measured with half sine-wave voltage (curve tracer).
July 1998
2
Rev 1.200



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com