Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32-RMB3TP/B Datasheet(PDF) 33 Page - STMicroelectronics

Part # M24C32-RMB3TP/B
Description  128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-RMB3TP/B Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M24C32-RMB3TP/B Datasheet HTML 26Page - STMicroelectronics M24C32-RMB3TP/B Datasheet HTML 27Page - STMicroelectronics M24C32-RMB3TP/B Datasheet HTML 28Page - STMicroelectronics M24C32-RMB3TP/B Datasheet HTML 29Page - STMicroelectronics M24C32-RMB3TP/B Datasheet HTML 30Page - STMicroelectronics M24C32-RMB3TP/B Datasheet HTML 31Page - STMicroelectronics M24C32-RMB3TP/B Datasheet HTML 32Page - STMicroelectronics M24C32-RMB3TP/B Datasheet HTML 33Page - STMicroelectronics M24C32-RMB3TP/B Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
M24128, M24C64, M24C32
Revision history
33/34
29-Jun-2006
7
Document converted to new ST template.
M24C32 and M24C64 products (4.5 to 5.5V supply voltage) removed.
M24C64 and M24C32 products (1.7 to 5.5V supply voltage) added.
Section 2.1: Chip Enable (E0, E1, E2) and Section 2.2: Write Control
(WC) modified, Section 2.3: Supply voltage (VCC) added and replaces
Power On Reset: VCC Lock-Out Write Protect section.
TA added, Note 1 updated and TLEAD specified for PDIP packages in
Table 7: Absolute maximum ratings.
ICC0 added, ICC voltage conditions changed and ICC1 specified over the
whole voltage range in Table 13: DC characteristics (VCC = 2.5V to
5.5V, device grade 6).
ICC0 added, ICC frequency conditions changed and ICC1 specified over
the whole voltage range in Table 15: DC characteristics (VCC = 1.8V to
5.5V).
tW modified in Table 17: AC characteristics (VCC = 2.5V to 5.5V, device
grades 6 and 3).
SO8N package specifications updated (see Figure 14 and Table 20).
Device grade 5 added, B and P Process letters added to Table 23:
Ordering information scheme. Small text changes.
03-Jul-2006
8
ICC1 modified in Table 13: DC characteristics (VCC = 2.5V to 5.5V,
device grade 6).
Note 1 added to Table 16: DC characteristics (VCC = 1.7V to 5.5V) and
table title modified.
17-Oct-2006
9
UFDFPN8 package specifications updated (see Table 22). M24128-BW-
and M24128-BR part numbers added.
Generic part number corrected in Feature summary on page 1.
ICC0 corrected in Table 14 and Table 13.
Packages are ECOPACK® compliant.
Table 24.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com