Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT78C7015 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT78C7015
Description  Spindle/VCM Motor Controller/Drivers AT78C7015 Summary
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT78C7015 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT78C7015 Datasheet HTML 1Page - ATMEL Corporation AT78C7015 Datasheet HTML 2Page - ATMEL Corporation AT78C7015 Datasheet HTML 3Page - ATMEL Corporation AT78C7015 Datasheet HTML 4Page - ATMEL Corporation AT78C7015 Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
AT78C7015
3439BS–NETST–5/04
AT78C7015 Block Diagram
A
B
C
1
OTA
SEQ
Bemf
Comp
FLL
Prescaler
CHP
UP
DN
PWM
Comp
MUX
Voltage Limiter
10 bit
DAC
Bemf
Comp
14 bit
DAC
S/H
B
N
P
EA
BA
SA
S/H
A
M
U
X
10bit
ADC
VREF
VREF
3 bit
DAC
SERIAL
PORT
CLK
Comp
TMON
OTSD
OTW
IREF
BG
POR
2.5V
1.8V
-3V
FLL
SYSCLK
XIN
SHOCKIN
XOUT
F40
SHOCKB
SCMD
RREF
VREF
CRET
RETO
DRET
RVCC
RGND
CPOR
PORB
RTH
V25
VC25
V18
VC18
MCMD
MSNS
MCOMP
SPA
SPB
SPC
SPP
SPT
SPN
VVCC
VMP
VCMP
VCMN
VGND
VSO
SDEN
SCLK
SDATA
SSO
VDAC
VEO
VBO
VCMS
VCOMP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com