Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64-RMN6/B Datasheet(PDF) 9 Page - STMicroelectronics

Part # M24C64-RMN6/B
Description  128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-RMN6/B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M24C64-RMN6/B Datasheet HTML 5Page - STMicroelectronics M24C64-RMN6/B Datasheet HTML 6Page - STMicroelectronics M24C64-RMN6/B Datasheet HTML 7Page - STMicroelectronics M24C64-RMN6/B Datasheet HTML 8Page - STMicroelectronics M24C64-RMN6/B Datasheet HTML 9Page - STMicroelectronics M24C64-RMN6/B Datasheet HTML 10Page - STMicroelectronics M24C64-RMN6/B Datasheet HTML 11Page - STMicroelectronics M24C64-RMN6/B Datasheet HTML 12Page - STMicroelectronics M24C64-RMN6/B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
M24128, M24C64, M24C32
Signal description
9/34
2.3
Supply voltage (VCC)
2.3.1
Operating supply voltage VCC
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Table 9 and Table 10).
In order to secure a stable DC supply voltage, it is recommended to decouple the VCC line
with a suitable capacitor (usually of the order of 10nF to 100nF) close to the VCC/VSS
package pins.
This voltage must remain stable and valid until the end of the transmission of the instruction
and, for a Write instruction, until the completion of the internal write cycle (tW).
2.3.2
Internal device reset
In order to prevent inadvertent Write operations during Power-up, a Power On Reset (POR)
circuit is included. At Power-up (continuous rise of VCC), the device does not respond to any
instruction until VCC has reached the Power On Reset threshold voltage (this threshold is
lower than the minimum VCC operating voltage defined in Table 9 and Table 10).
When VCC has passed the POR threshold, the device is reset and is in Standby Power
mode.
2.3.3
Power-down
At Power-down (continuous decrease of VCC), as soon as VCC drops from the normal
operating voltage to below the Power On Reset threshold voltage, the device stops
responding to any instruction sent to it.
During Power-down, the device must be deselected and in the Standby Power mode (that is
there should be no internal Write cycle in progress).
Figure 4.
Maximum RP value versus bus parasitic capacitance (C) for an I
2C bus
AI01665b
VCC
C
SDA
RP
MASTER
RP
SCL
C
100
0
4
8
12
16
20
C (pF)
10
1000
fc = 400kHz
fc = 100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com