Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDZ2.2B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # KDZ2.2B
Description  Zener diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

KDZ2.2B Datasheet(HTML) 2 Page - Diodes Incorporated

  KDZ2.2B Datasheet HTML 1Page - Diodes Incorporated KDZ2.2B Datasheet HTML 2Page - Diodes Incorporated KDZ2.2B Datasheet HTML 3Page - Diodes Incorporated KDZ2.2B Datasheet HTML 4Page - Diodes Incorporated KDZ2.2B Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KDZ4.7B
Diodes
Rev.A
2/4
Electrical characteristics (Ta=25
°C)
Marking (TYPE NO.)
TYPE NO.
TYPE NO.
KDZ 3.6B
GB
KDZ 12B
VB
KDZ 3.9B
HB
KDZ 13B
WB
KDZ 4.3B
JB
KDZ 15B
XB
KDZ 4.7B
KB
KDZ 16B
YB
KDZ 5.1B
LB
KDZ 18B
ZB
KDZ 5.6B
MB
KDZ 20B
AD
KDZ 6.2B
NB
KDZ 22B
BD
KDZ 6.8B
PB
KDZ 24B
CD
KDZ 7.5B
QB
KDZ 27B
DD
KDZ 8.2B
RB
KDZ 30B
ED
KDZ 9.1B
SB
KDZ 33B
FD
KDZ 10B
TB
KDZ 36B
GD
KDZ 11B
UB
TYPE
TYPE
MIN.
TYP.
MAX.
Iz(mA)
MAX.
VR(V)
KDZ 3.6B
3.600
3.813
4.000
40
60
1.0
KDZ 3.9B
3.900
4.136
4.400
40
40
1.0
KDZ 4.3B
4.300
4.572
4.800
40
20
1.0
KDZ 4.7B
4.700
4.924
5.200
40
20
1.0
KDZ 5.1B
5.100
5.368
5.700
40
20
1.5
KDZ 5.6B
5.600
5.856
6.300
40
20
2.5
KDZ 6.2B
6.200
6.509
7.000
40
20
3.0
KDZ 6.8B
6.800
7.280
7.700
40
20
3.5
KDZ 7.5B
7.500
7.889
8.400
40
20
4.0
KDZ 8.2B
8.200
8.655
9.300
40
20
5.0
KDZ 9.1B
9.100
9.747
10.200
40
20
6.0
KDZ 10B
10.000
10.310
11.200
40
10
7.0
KDZ 11B
11.000
11.510
12.300
20
10
8.0
KDZ 12B
12.000
12.500
13.500
20
10
9.0
KDZ 13B
13.300
13.820
15.000
20
10
10.0
KDZ 15B
14.700
15.350
16.500
20
10
11.0
KDZ 16B
16.200
16.860
18.300
20
10
12.0
KDZ 18B
18.000
19.000
20.300
20
10
13.0
KDZ 20B
20.000
20.820
22.400
20
10
15.0
KDZ 22B
22.000
23.850
24.500
10
10
17.0
KDZ 24B
24.000
25.310
27.600
10
10
19.0
KDZ 27B
27.000
28.700
30.800
10
10
21.0
KDZ 30B
30.000
31.570
34.000
10
10
23.0
KDZ 33B
33.000
34.950
37.000
10
10
25.0
KDZ 36B
36.000
39.240
40.000
10
10
27.0
(1)The Zener voltage (Vz) is measured 40ms after power is supplied.
(2)The operating resistances (Zz
、Zzk) are measured by superimposing a minute alternating current on the regulated current (Iz).
Zener voltage:Vz(V)
Reverse current:IR(μA)
Symbol
TYP.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com