Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HY5V26CSF Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HY5V26CSF
Description  4 Banks x 2M x 16bits Synchronous DRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5V26CSF Datasheet(HTML) 2 Page - Hynix Semiconductor

  HY5V26CSF Datasheet HTML 1Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 2Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 3Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 4Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 5Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 6Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 7Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 8Page - Hynix Semiconductor HY5V26CSF Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
HY5V26C(L/S)F
Rev. 0.9/Jul. 02
2
BALL CONFIGURATION
A
B
C
D
E
F
G
H
J
54 Ball
FBGA
0.8 mm
Ball Pitch
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
CLK
VSS
UDQM
A11
CKE
NC
A9
A8
A7
A6
VSS
A5
A4
NC
1
2
3
A
B
C
D
E
F
G
H
J
VDDQ
VDDQ
VSSQ
VSSQ
VDD
DQ0
VDD
VDD
DQ2
DQ1
DQ4
DQ3
DQ6
DQ5
DQ7
LDQM
/CAS
/RAS
/WE
A3
A2
A0
A1
A10
/CS
BA0
BA1
7
8
9
9
8
7
3
2
1
< Top View >
< Bottom View >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com