Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND01G-B2B Datasheet(PDF) 49 Page - STMicroelectronics

Part # NAND01G-B2B
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-B2B Datasheet(HTML) 49 Page - STMicroelectronics

Back Button NAND01G-B2B Datasheet HTML 45Page - STMicroelectronics NAND01G-B2B Datasheet HTML 46Page - STMicroelectronics NAND01G-B2B Datasheet HTML 47Page - STMicroelectronics NAND01G-B2B Datasheet HTML 48Page - STMicroelectronics NAND01G-B2B Datasheet HTML 49Page - STMicroelectronics NAND01G-B2B Datasheet HTML 50Page - STMicroelectronics NAND01G-B2B Datasheet HTML 51Page - STMicroelectronics NAND01G-B2B Datasheet HTML 52Page - STMicroelectronics NAND01G-B2B Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
NAND01G-B2B, NAND02G-B2C
DC And AC parameters
49/62
Figure 22.
Sequential Data Output after Read AC waveforms
1.
CL = Low, AL = Low, W = High.
Figure 23.
Read Status Register AC waveform
E
ai08031
R
I/O
RB
tRLRL
tRLQV
tRHRL
tRLQV
Data Out
Data Out
Data Out
tRHQZ
tBHRL
tRLQV
tRHQZ
tEHQZ
(Read Cycle time)
(R Accesstime)
(R High Holdtime)
tELWH
tDVWH
Status Register
Output
70h
CL
E
W
R
I/O
tCLHWH
tWHDX
tWLWH
tWHCLL
tCLLRL
tDZRL
tRLQV
tEHQZ
tRHQZ
tWHRL
tELQV
tWHEH
ai13108
(Data Setup time)
(Data Hold time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com