Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND01GR3B2B Datasheet(PDF) 45 Page - STMicroelectronics

Part # NAND01GR3B2B
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01GR3B2B Datasheet(HTML) 45 Page - STMicroelectronics

Back Button NAND01GR3B2B Datasheet HTML 41Page - STMicroelectronics NAND01GR3B2B Datasheet HTML 42Page - STMicroelectronics NAND01GR3B2B Datasheet HTML 43Page - STMicroelectronics NAND01GR3B2B Datasheet HTML 44Page - STMicroelectronics NAND01GR3B2B Datasheet HTML 45Page - STMicroelectronics NAND01GR3B2B Datasheet HTML 46Page - STMicroelectronics NAND01GR3B2B Datasheet HTML 47Page - STMicroelectronics NAND01GR3B2B Datasheet HTML 48Page - STMicroelectronics NAND01GR3B2B Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
NAND01G-B2B, NAND02G-B2C
DC And AC parameters
45/62
Table 24.
AC Characteristics for Command, Address, Data Input
Symbol
Alt.
Symbol
Parameter
1.8V
Devices
3V
Devices
Unit
tALLWH
tALS
Address Latch Low to Write Enable High
AL Setup time
Min
25
15
ns
tALHWH
Address Latch High to Write Enable High
tCLHWH
tCLS
Command Latch High to Write Enable
High
CL Setup time
Min
25
15
ns
tCLLWH
Command Latch Low to Write Enable
High
tDVWH
tDS
Data Valid to Write Enable High
Data Setup time
Min
20
15
ns
tELWH
tCS
Chip Enable Low to Write Enable High
E Setup time
Min
35
20
ns
tWHALH
tALH
Write Enable High to Address Latch High
AL Hold time
Min
10
5
ns
tWHALL
Write Enable High to Address Latch Low
AL Hold time
Min
tWHCLH
tCLH
Write Enable High to Command Latch
High
CL hold time
Min
10
5
ns
tWHCLL
Write Enable High to Command Latch
Low
tWHDX
tDH
Write Enable High to Data Transition
Data Hold time
Min
10
5
ns
tWHEH
tCH
Write Enable High to Chip Enable High
E Hold time
Min
10
5
ns
tWHWL
tWH
Write Enable High to Write Enable Low
W High Hold
time
Min
15
10
ns
tWLWH
tWP
Write Enable Low to Write Enable High
W Pulse Width
Min
25
15
ns
tWLWL
tWC
Write Enable Low to Write Enable Low
Write Cycle time
Min
45
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com