Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM704A/HB Datasheet(PDF) 1 Page - International Rectifier

Part # AFM704A/HB
Description  EMI FILTER / PROTECTION HYBRID
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFM704A/HB Datasheet(HTML) 1 Page - International Rectifier

  AFM704A/HB Datasheet HTML 1Page - International Rectifier AFM704A/HB Datasheet HTML 2Page - International Rectifier AFM704A/HB Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
03/07/06
www.irf.com
1
EMI FILTER / PROTECTION HYBRID
AFM704A SERIES
Description
n 40 watts throughout
n 40 dB Noise Reduction@100 KHz
n -55°C to +125°C Operation
n Full Military Screening
n All Ceramic Capacitor Design
n Output Voltage Regulate to 50 Volts Maximum
n Inrush Current Limiting
n Under Voltage Lockout
Features
The AFM704A is a combined EMI filter and protection
module intended to be used with AHE, ATO, ATR, ATW,
AHF, ASA, and AHV DC/DC converters to allow full
compliance with the surge requirements of MIL-STD-
704A.This device will reduce reflected ripple current to
levels below the CEO3 limits and protect against
voltage spikes required by CS06 testing as specified
by MIL-STD-461. Four levels of military screening are
available, including fully compliant (per MIL-PRF-
38534) devices. Standard Military Drawings (SMDs)
available.
1
5
3
2
4
6
Series Protection
CONTROLLER
UV Lockout
OV Clamp
Oscillator
Charge
Pump
Refer to last page for Pin Designation
AFM704A Block Diagram
AFM
PD - 94598A


Similar Part No. - AFM704A/HB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFM704A IRF-AFM704A Datasheet
50Kb / 3P
EMI FILTER / PROTECTION HYBRID
AFM704A IRF-AFM704A_15 Datasheet
50Kb / 3P
EMI FILTER / PROTECTION HYBRID
More results

Similar Description - AFM704A/HB

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
AME270461 PERKINELMER-AME270461_04 Datasheet
108Kb / 6P
EMI FILTER HYBRID / HIGH RELIABILITY
logo
International Rectifier
AME28461W/ES IRF-AME28461W/ES Datasheet
109Kb / 5P
EMI FILTER HYBRID-HIGH RELIABILITY
AMH461 IRF-AMH461 Datasheet
173Kb / 5P
EMI FILTER HYBRID / HIGH RELIABILITY
AFH461 IRF-AFH461 Datasheet
112Kb / 5P
EMI FILTER HYBRID - HIGH RELIABILITY
AFH461 IRF-AFH461_15 Datasheet
123Kb / 5P
EMI FILTER HYBRID - HIGH RELIABILITY
AFM704A IRF-AFM704A_15 Datasheet
50Kb / 3P
EMI FILTER / PROTECTION HYBRID
AME50DS IRF-AME50DS_15 Datasheet
109Kb / 5P
EMI FILTER HYBRID-HIGH RELIABILITY
AME270461 IRF-AME270461_15 Datasheet
112Kb / 6P
EMI FILTER HYBRID-HIGH RELIABILITY
AMH461 IRF-AMH461_15 Datasheet
124Kb / 6P
EMI FILTER HYBRID / HIGH RELIABILITY
ARF461 IRF-ARF461_15 Datasheet
105Kb / 4P
EMI FILTER HYBRID / HIGH RELIABILITY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com