Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUJ101AX Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUJ101AX
Description  Silicon Diffused Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ101AX Datasheet(HTML) 2 Page - NXP Semiconductors

  BUJ101AX Datasheet HTML 1Page - NXP Semiconductors BUJ101AX Datasheet HTML 2Page - NXP Semiconductors BUJ101AX Datasheet HTML 3Page - NXP Semiconductors BUJ101AX Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Philips Semiconductors
Objective specification
Silicon Diffused Power Transistor
BUJ101AX
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
isol
Repetitive peak voltage from all
R.H.
≤ 65% ; clean and dustfree
-
1500
V
three terminals to external
heatsink
C
isol
Capacitance from T2 to external f = 1 MHz
-
12
-
pF
heatsink
STATIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
CES
Collector cut-off current
1
V
BE = 0 V; VCE = VCESMmax
-
-
0.1
mA
I
CES
V
BE = 0 V; VCE = VCESMmax;
-
-
1.0
mA
T
j = 125 ˚C
I
EBO
Emitter cut-off current
V
EB = 5 V; IC = 0 A
-
-
1
mA
V
CEOsust
Collector-emitter sustaining voltage
I
B = 0 A; IC = 100 mA;
400
-
-
V
L = 25 mH
V
CEsat
Collector-emitter saturation voltage
I
C = 0.1 A;IB = 10 mA
-
-
0.8
V
V
BEsat
Base-emitter saturation voltage
I
C = 0.2 A;IB = 20 mA
-
-
1.0
V
h
FE
DC current gain
I
C = 1 mA; VCE = 5 V
10
-
32
DYNAMIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Switching times (resistive load)
I
Con = 0.2 A; IBon = -IBoff = 20 mA;
R
L = 75 ohms; VBB2 = 4 V;
t
on
Turn-on time
-
0.5
µs
t
s
Turn-off storage time
-
3.5
µs
t
f
Turn-off fall time
-
0.3
µs
Switching times (inductive load)
I
Con = 0.2 A; IBon = 20 mA; LB = 1 µH;
-V
BB = 5 V
t
s
Turn-off storage time
-
1.5
µs
t
f
Turn-off fall time
40
100
ns
Switching times (inductive load)
I
Con = 0.2 A; IBon = 20 mA; LB = 1 µH;
-V
BB = 5 V; Tj = 100 ˚C
t
s
Turn-off storage time
-
1.8
µs
t
f
Turn-off fall time
-
200
ns
1 Measured with half sine-wave voltage (curve tracer).
August 1998
2
Rev 1.000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com