Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM704AN/CH Datasheet(PDF) 3 Page - International Rectifier

Part # AFM704AN/CH
Description  EMI FILTER / PROTECTION HYBRID
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFM704AN/CH Datasheet(HTML) 3 Page - International Rectifier

  AFM704AN/CH Datasheet HTML 1Page - International Rectifier AFM704AN/CH Datasheet HTML 2Page - International Rectifier AFM704AN/CH Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.irf.com
3
AFM704A Series
Pin Designation
Part Numbering
2.550
(64.77)
1.110
(28.19)
0.040 D (1.02) X
0.26 L (6.60) Pins
1.600
(40.64)
2.870
(72.90)
Max
2.110
(53.59)
Max
0.380
(9.65)
Max
0.050
(1.27)
1
2
0.800
(20.32)
4
5
3
6
2.120
Max
(53.85)
0.380
Max
(9.65)
Ø 0.162
(4.12)
2 Holes
AFM704A Case Outlines
Flanged
Non-Flanged
Pin No.
Designation
1
Positive Input
2
Positive Output
3
Case
4
Output Return
5
Input Return
6
Inhibit Input
Available Standard Miliatary Drawing (SMD) Cross Reference
Standard
Military Drawing
PIN
Vendor
CAGE
Code
Vendor
Similar
PIN
95010-01HXA
52467
AFM704AN/CH
95010-01HZA
52467
AFM704A/CH
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR SANTA CLARA : 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 03/2006
AFM 704A N /CH
Model
Applicable
Military Test
Standard
Case Style
Blank = Flanged
N = Non-Flanged
Screening
Blank, ES, HB, CH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com