Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R322 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT46R322
Description  A/D with OPA Type 8-Bit OTP MCU
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R322 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT46R322 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
HT46R322/HT46R342
Rev. 1.00
9
December 21, 2006
in the ISR. In such a case errors can occur. Therefore,
using the table read instruction in the main routine and
the ISR simultaneously should be avoided. However,
if the table read instruction has to be used in both the
main routine and the ISR, the interrupt is should be
disabled prior to the table read instruction. It should
not be re-enabled until the TBLH has been backed up.
All table related instructions require two cycles to
complete their operation. These areas may function
as normal program memory depending upon require-
ments.
Stack Register
- STACK
This is a special part of the memory which is used to
save the contents of the program counter only. The
stack is organized into 6 levels and is neither part of the
data nor part of the program space, and is neither read-
able nor writeable. The activated level is indexed by the
stack pointer, known as stack pointer, and is also neither
readable nor writeable. At a subroutine call or interrupt
acknowledgment, the contents of the program counter
are pushed onto the stack. At the end of a subroutine or
an interrupt routine, signaled by a return instruction,
RET or RETI, the program counter is restored to its pre-
vious value from the stack. After a device reset, the
stack pointer will point to the top of the stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag will be recorded but the
acknowledgment will be inhibited. When the stack
pointer is decremented, using a RET or RETI instruc-
tion, the interrupt will be serviced. This feature prevents
a stack overflow allowing the programmer to use the
structure more easily. In a similar case, if the stack is full
and a
²CALL² is subsequently executed, stack overflow
occurs and the first entry will be lost. Only the most re-
cent 6 return addresses are stored.
Data Memory
- RAM
The data memory has a structure of 115
´8 bits for the
HT46R322 device and 219
´8 bits for the HT46R342
device. The data memory is divided into two functional
groups: special function registers and general purpose
data memory. The general purpose memory has a
structure of 88
´8 bits for the HT46R322 device and
192bits
´8 bits for the HT46R342 device. Most loca-
tions are read/write, but some are read only.
The remaining space between the end of the Special
Purpose Data Memory and the beginning of the General
Purpose Data Memory is reserved for future expanded
usage, reading these locations will obtain a result of
²00H². The general purpose data memory, addressed
from 28H to 7FH in the HT46R322, and from 40H to FFH
in the HT46R342, is used for user data and control infor-
mation under instruction commands. All of the data
memory areas can handle arithmetic, logic, increment,
decrement and rotate operations directly. Except for
some dedicated bits, each bit in the data memory can
be set and reset by the
²SET [m].i² and ²CLR [m].i² in-
structions. They are also indirectly accessible through
memory pointer register, MP.
Indirect Addressing Register
Location 00H is an indirect addressing register that is
not physically implemented. Any read/write operation on
[00H] accesses data memory pointed to by the MP
register. Reading location 00H itself indirectly will return
the result 00H. Writing indirectly results in no operation.
For the HT46R322 device the memory pointer register,
MP, is a 7-bit register, while for the HT46R342 device it
is an 8-bit register. For the HT46R322 device, bit 7 of
MP is undefined and if read will return the result
²1², any
write operation will only transfer the lower 7-bits of data to
MP.
Accumulator
The accumulator is closely related to ALU operations
and can carry out immediate data operations. Any data
movement between two data memory locations must
pass through the accumulator.
S p e c i a l P u r p o s e
D a t a M e m o r y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
I n d i r e c t A d d r e s s i n g R e g i s t e r
M P
A C C
P C L
T B L P
T B L H
S T A T U S
I N T C
T M R
T M R C
P A
P A C
P B
P B C
P C
P C C
P D
P D C
P E
P E E
P W M 0
P W M 1
O P A C
A D R L
A D R H
A D C R
A C S R
: U n u s e d
R e a d a s " 0 0 "
2 0 H
2 1 H
2 2 H
2 3 H
2 7 H
2 4 H
G e n e r a l P u r p o s e
D a t a M e m o r y
( 8 8 B y t e s )
7 F H
2 8 H
3 9 H
2 4 H
G e n e r a l P u r p o s e
D a t a M e m o r y
( 1 9 2 B y t e s )
F F H
4 0 H
H T 4 6 R 3 2 2
H T 4 6 R 3 4 2
H T 4 6 R 3 2 2 / H T 4 6 R 3 4 2
RAM Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com