Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURL1640CT Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # MURL1640CT
Description  16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

MURL1640CT Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  MURL1640CT Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. MURL1640CT Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
TO-220AB/TO-220-3L
Unit:inch(mm)
※
ThinkiSemi latest&matured process FRD/FRED
※
Low forward voltage drop
※
High current capability
※
Low reverse leakage current
※
Low reverse leakage current
※
High surge current capability
Application
※
Automotive Inverters and Solar Inverters
※
Car Audio Amplifiers and Sound Device Systems
※
Plating Power Supply,Motor Control,UPS and SMPS etc.
Mechanical Data
※
Case: Heatsink open metal TO-220AB/TO-220-3L package
※
Epoxy: UL 94V-0rateflame retardant
※
Epoxy: UL 94V 0 rate flame retardant
※
Terminals: Solderable per MIL-STD-202 method 208
※
Polarity: As marked on diode body
※
Mounting position: Any
※
Weight: 2.0 gram approximately
MURL1620CT thru MURL16120CT
Pb Free Plating Product
MURL1620CT thru MURL16120CT
Pb
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Doubler Polarity
Case
Series
Series Connection
Prefix "MURA"
Prefix "MURR"
Prefix "MURL"
Prefix "MUR"
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.07T
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
UNIT
VRRM
200
400
600
800
1000
1200
V
VRMS
140
280
420
560
700
840
V
VDC
200
400
600
800
1000
1200
V
IF(AV)
A
IFSM
A
VF
(Typical)
IR
μA
μA
Trr
nS
CJ
pF
RθJC
℃
/W
TJ,TSTG
℃
Note:(1)Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Note:(2)Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Note:(3)Thermal Resistance junction to case.
Typical Junction Capacitance (Note 2)
80
Typical Thermal Resistance (Note 3)
1.5
Operating Junction and Storage
Temperature Range
-55 to +175
Maximum Reverse Recovery Time (Note1)
PARAMETER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current TC=125℃
(Total Device 2x8.0A=16.0A)
16.0
Peak Forward Surge Current, 8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)(Per Diode/Per Leg)
160
Maximum Instantaneous Forward Voltage
@8.0A(Per Diode/Per Leg)
Maximum DC Reverse Current @TJ=25℃
At Rated DC Blocking Voltage @TJ=125℃
5.0
500
1.40-1.80
MURL1620CT
MURL1640CT
MURL1660CT
MURL1680CT MURL16100CT MURL16120CT
35-50
50-75
0.90-1.10
1.10-1.40
1.40-1.80
V
MURL1630CT


Similar Part No. - MURL1640CT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MURL1640FCT THINKISEMI-MURL1640FCT Datasheet
294Kb / 2P
16.0 Ampere Insulated Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
More results

Similar Description - MURL1640CT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR1620CTS THINKISEMI-MUR1620CTS Datasheet
365Kb / 2P
16.0 Ampere Heatsink Series Connection Ultra Fast Recovery Rectifiers
MUR1620GD THINKISEMI-MUR1620GD_12 Datasheet
366Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
FEE16BT THINKISEMI-FEE16BT Datasheet
368Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
FEP16BTS THINKISEMI-FEP16BTS Datasheet
368Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
U16C20S THINKISEMI-U16C20S_V01 Datasheet
344Kb / 2P
16.0 Ampere Heatsink Series Connection Ultra Fast Recovery Rectifiers
F16C20S THINKISEMI-F16C20S Datasheet
423Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
UF16C20S THINKISEMI-UF16C20S Datasheet
266Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
VF16C20S THINKISEMI-VF16C20S Datasheet
265Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
MUR1620CS THINKISEMI-MUR1620CS Datasheet
275Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
MUR1620CL THINKISEMI-MUR1620CL Datasheet
269Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com