Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXUSB3B_SER Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PESDXUSB3B_SER
Description  ESD protection for differential data lines
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESDXUSB3B_SER Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PESDXUSB3B_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESDXUSB3B_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESDXUSB3B_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESDXUSB3B_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESDXUSB3B_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESDXUSB3B_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESDXUSB3B_SER Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESDXUSB3B_SER Datasheet HTML 11Page - Nexperia B.V. All rights reserved PESDXUSB3B_SER Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Nexperia
PESDxUSB3B/C series
ESD protection for differential data lines
1080p, 6 Gbps
Fig. 11. HDMI 2.0 eye diagram TP2, test board without device; typical values
VCL (V)
0
25
20
10
15
5
aaa-028542
10
15
5
20
25
I
(A)
0
Transmission Line Pulse (TLP) = 100 ns;
Fig. 12. Dynamic resistance with positive clamping;
typical values
VCL (V)
-25
0
-5
-15
-10
-20
aaa-028543
-15
-10
-20
-5
0
I
(A)
-25
Transmission Line Pulse (TLP) = 100 ns;
Fig. 13. Dynamic resistance with negative clamping;
typical values
PESDXUSB3B_C_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 2 — 29 January 2019
8 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com