Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH2400FA Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH2400FA
Description  Silicon PIN Photodiode with Very Short Switching Time
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2400FA Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH2400FA Datasheet HTML 1Page - OSRAM GmbH SFH2400FA Datasheet HTML 2Page - OSRAM GmbH SFH2400FA Datasheet HTML 3Page - OSRAM GmbH SFH2400FA Datasheet HTML 4Page - OSRAM GmbH SFH2400FA Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2001-02-22
2
SFH 2400, SFH 2400 FA
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40 … + 85
°C
Sperrspannung
Reverse voltage
V
R
20
V
Sperrspannung
t <2 min
Reverse voltage
t <2 min
V
R
50
V
Verlustleistung
Total power dissipation
P
tot
120
mW
Wärmewiderstand für Montage auf PC-Board
Thermal resistance for mounting on pcb
R
thJA
450
K/W
Kennwerte
(T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
SFH 2400
SFH 2400 FA
Fotostrom
Photocurrent
V
R = 5 V, Normlicht/standard light A,
T = 2856 K, E
V = 1000 lx
V
R = 5 V, λ = 870 nm, Ee = 1 mW/cm
2
I
P
I
P
10 (> 6)
6.5
–
6.2 (
≥ 3.6)
µA
µA
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
850
900
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10% von S
max
Spectral range of sensitivity
S = 10% of S
max
λ
400 … 1100 750 … 1100
nm
Bestrahlungsempfindliche Fläche
Dimensions of radiant sensitive area
L
× B
L
× W
1
× 11 × 1mm × mm
Chipgröße
Chip size
L
× B
L
× W
1.4
× 1.4
1.4
× 1.4
mm
× mm
Halbwinkel
Half angle
ϕ± 60
± 60
Grad
deg.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com