Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BTA06
Description  6A TRIACS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA06 Datasheet(HTML) 1 Page - STMicroelectronics

  BTA06 Datasheet HTML 1Page - STMicroelectronics BTA06 Datasheet HTML 2Page - STMicroelectronics BTA06 Datasheet HTML 3Page - STMicroelectronics BTA06 Datasheet HTML 4Page - STMicroelectronics BTA06 Datasheet HTML 5Page - STMicroelectronics BTA06 Datasheet HTML 6Page - STMicroelectronics BTA06 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
®
1/7
Table 1: Main Features
DESCRIPTION
Available either in through-hole or surface-mount
packages, the BTA06 and BTB06 triac series is
suitable for general purpose AC switching. They
can be used as an ON/OFF function in applica-
tions such as static relays, heating regulation, in-
duction motor starting circuits... or for phase
control operation in light dimmers, motor speed
controllers,...
The snubberless and logic level versions (BTA/
BTB...W) are specially recommended for use on
inductive loads, thanks to their high commutation
performances.
By using an internal ceramic pad, the BTA series
provides
voltage
insulated
tab
(rated
at
2500VRMS) complying with UL standards (File ref.:
E81734).
Symbol
Value
Unit
IT(RMS)
6A
VDRM/VRRM
600 and 800
V
IGT (Q
1)
5 to 50
mA
BTA06 and BTB06 Series
6A TRIACS
REV. 6
February 2006
SNUBBERLESS™, LOGIC LEVEL & STANDARD
Table 2: Order Codes
Part Number
Marking
BTA06-xxxxxRG
See page table 8 on
page 6
BTB06-xxxxxRG
G
A2
A1
G
A2
A2
A1
TO-220AB Insulated
(BTA06)
TO-220AB
(BTB06)
A2
A1
G
Table 3: Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine
wave)
TO-220AB
Tc = 110°C
6A
TO-220AB Ins. Tc = 105°C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25°C)
F = 50 Hz
t = 20 ms
60
A
F = 60 Hz
t = 16.7 ms
63
I²tI²t Value for fusing
tp = 10 ms
21
A²s
dI/dt
Critical rate of rise of on-state cur-
rent IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4A
PG(AV)
Average gate power dissipation
Tj = 125°C
1W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C


Similar Part No. - BTA06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA06 STMICROELECTRONICS-BTA06 Datasheet
69Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
logo
Sirectifier Semiconduct...
BTA06 SIRECTIFIER-BTA06 Datasheet
341Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
logo
Suntac Electronic Corp.
BTA06 SUNTAC-BTA06 Datasheet
72Kb / 4P
6A TRIACS
logo
Sirectifier Global Corp...
BTA06 SIRECT-BTA06 Datasheet
1Mb / 4P
Discrete Triacs(Non-Isolated/Isolated)
logo
JIEJIE MICROELECTRONICS...
BTA06 JIEJIE-BTA06 Datasheet
578Kb / 5P
6A TRIACs
More results

Similar Description - BTA06

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T610-600B-TR TGS-T610-600B-TR Datasheet
138Kb / 1P
6A TRIACS
T610-600G-TR TGS-T610-600G-TR Datasheet
169Kb / 1P
6A TRIACS
BTA06-600BF TGS-BTA06-600BF Datasheet
62Kb / 1P
6A TRIACS
BTA06-800B TGS-BTA06-800B Datasheet
217Kb / 1P
6A TRIACS
BTA06-800C TGS-BTA06-800C Datasheet
66Kb / 1P
6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06 Datasheet
164Kb / 3P
6A TRIACS
BTB06A UTC-BTB06A Datasheet
162Kb / 4P
6A TRIACS
logo
Kersemi Electronic Co.,...
BTB06-700B KERSEMI-BTB06-700B Datasheet
1Mb / 5P
6A TRIACS
BTB06-600SW KERSEMI-BTB06-600SW Datasheet
1Mb / 5P
6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06_15 Datasheet
164Kb / 3P
6A TRIACS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com