Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16670 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD16670
Description  MOS INTEGRATED CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16670 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD16670 Datasheet HTML 18Page - Renesas Technology Corp UPD16670 Datasheet HTML 19Page - Renesas Technology Corp UPD16670 Datasheet HTML 20Page - Renesas Technology Corp UPD16670 Datasheet HTML 21Page - Renesas Technology Corp UPD16670 Datasheet HTML 22Page - Renesas Technology Corp UPD16670 Datasheet HTML 23Page - Renesas Technology Corp UPD16670 Datasheet HTML 24Page - Renesas Technology Corp UPD16670 Datasheet HTML 25Page - Renesas Technology Corp UPD16670 Datasheet HTML 26Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Data Sheet S10297EJ1V0DS00
21
µµµµPD16670
Electrical characteristics (Unless otherwise specified, TA = –40 to +85
°°°°C, VSS = 0 V, VDD = 2.7 to 3.6 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
High-level input voltage 1
VIH1
SCK,STB,DATA,/RESET,/LCDOFF
0.8 VDD
VDD
V
Low-level input voltage 1
VIL1
SCK,STB,DATA,/RESET,/LCDOFF
0
0.2 VDD
V
High-level input voltage 2
VIH2
TEST,OSCIN
0.7 VDD
VDD
V
Low-level input voltage 2
VIL2
TEST,OSCIN
0
0.3 VDD
V
SCK,STB,DATA,/RESET,/LCDOFF,
OSCIN
1
µA
High-level input current
IIH
TEST
3
15
75
µA
SCK,STB,DATA,TEST,OSCIN
– 1
µA
Low-level input current
IIL
/RESET,/LCDOFF
–3
– 15
– 75
µA
High-level output voltage
VOH
TDATA,IOH = –100
µA
0.8 VDD
VDD
V
Low-level output voltage
VOL
TDATA,IOL = 100
µAVSS
0.2 VDD
V
Common output ON resistance
RCOM
COM1 to COM33, IIOI = 50
µA15
k
Ω
Segment output ON resistance
RSEG
SEG1 to SEG60 , IIOI = 50
µA30
k
Ω
Current consumption
(Normal mode)
IDD1
VDD = 3 V, fOSC = 350 kHz,
4-fold voltage mode, no load
200
300
µA
Current consumption
(Standby mode)
IDD2
VDD = 3 V, no load
100
µA
Driver voltage (boost voltage)
VLCD
No load
3.5 VDD
4.0 VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com