Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16805GS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD16805GS
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16805GS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD16805GS Datasheet HTML 9Page - Renesas Technology Corp UPD16805GS Datasheet HTML 10Page - Renesas Technology Corp UPD16805GS Datasheet HTML 11Page - Renesas Technology Corp UPD16805GS Datasheet HTML 12Page - Renesas Technology Corp UPD16805GS Datasheet HTML 13Page - Renesas Technology Corp UPD16805GS Datasheet HTML 14Page - Renesas Technology Corp UPD16805GS Datasheet HTML 15Page - Renesas Technology Corp UPD16805GS Datasheet HTML 16Page - Renesas Technology Corp UPD16805GS Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet S11032EJ4V0DS
11
µµµµPD16805
RECOMMENDED SOLDERING CONDITIONS
It is recommended to solder this under the conditions described below.
For soldering methods and conditions other than those listed below, consult NEC.
For details of the recommended soldering conditions, refer to information document “Semiconductor Device
Mounting Technology Manual”.
µPD16805GS
Soldering Method
Soldering Conditions
Recommended
Conditions Symbol
Infrared reflow
Peak package temperature: 235
°C, Time: 30 seconds MAX. (210°C MIN.),
Number of times: 2 MAX.
IR35-00-2
VPS
Peak package temperature: 215
°C, Time: 40 seconds MAX. (200°C MIN.),
Number of times: 2 MAX.
VP15-00-2
The number of storage days at 25
°C, 65% RH after the dry pack has been opened
µPD16805MA-6A5
Soldering Method
Soldering Conditions
Recommended
Conditions Symbol
Infrared reflow
Package peak temperature: 235
°C; Duration: 30 sec. max. (210°C or above):
Number of times: Max. 3; Time limit: None
Note
Flux: Rosin type flux with reduced chlorine content (chlorine 0.2 Wt% or less) is
recommended.
IR35-00-3
VPS
Package peak temperature: 215
°C; Duration: 40 sec. max. (200°C or above):
Number of times:3; Time limit: None
Note
Flux: Rosin type flux with reduced chlorine content (chlorine 0.2 Wt% or less) is
recommended.
VP15-00-3
Wave soldering
Package peak temperature: 260
°C or less, Duration: 10 sec. Max.,.
Preparatory heating temperature: 120
°C or less; Number of times: 1
Flux: Rosin type flux with reduced chlorine content (chlorine 0.2 Wt% or less) is
recommended.
WS60-00-1
Note The number of storage days at 25
°C, 65% RH after the dry pack has been opened
Caution Use of more than one soldering method should be avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com