Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16808GS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPD16808GS
Description  MOS INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16808GS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD16808GS Datasheet HTML 6Page - Renesas Technology Corp UPD16808GS Datasheet HTML 7Page - Renesas Technology Corp UPD16808GS Datasheet HTML 8Page - Renesas Technology Corp UPD16808GS Datasheet HTML 9Page - Renesas Technology Corp UPD16808GS Datasheet HTML 10Page - Renesas Technology Corp UPD16808GS Datasheet HTML 11Page - Renesas Technology Corp UPD16808GS Datasheet HTML 12Page - Renesas Technology Corp UPD16808GS Datasheet HTML 13Page - Renesas Technology Corp UPD16808GS Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IN1
IN2
SEL
IN3
IN4
DGND
SPF0
PH11
PH21
PC2100AGF
µ
PH11
PH21
Step input
Direction
Internal circumference seek
External circumference seek
PC2100AGF Stepping Motor Excitation Timing Chart
µ
OSC
CIRCUIT
0.01 F
µ
0.01 F
µ
0.01 F
µ
VDD
VG
2
× VDD+ VM
C1L
C2L
C1H
C2H
Connected in diffusion layer
VM1
VM
+
1A
1B
PGND1
VM2
2A
2B
PGND2
CHARGE PUMP
“H”
BRIDGE 2
CONTROL
CIRCUIT 1
CONTROL
CIRCUIT 2
LEVEL
SHIFT 2
LEVEL
SHIFT 1
“H”
BRIDGE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com