Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8628 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8628
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8628 Datasheet HTML 17Page - Analog Devices AD8628 Datasheet HTML 18Page - Analog Devices AD8628 Datasheet HTML 19Page - Analog Devices AD8628 Datasheet HTML 20Page - Analog Devices AD8628 Datasheet HTML 21Page - Analog Devices AD8628 Datasheet HTML 22Page - Analog Devices AD8628 Datasheet HTML 23Page - Analog Devices AD8628 Datasheet HTML 24Page - Analog Devices AD8628 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Data Sheet
ADA4523-1
Rev. 0 | Page 21 of 29
10
1
0.1
0.01
100k
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
VS = ±15V
CEXT = 0pF
CEXT = 50pF
Figure 67. Input Referred Current Noise Density vs. Frequency for CEXT = 0 pF
and CEXT = 50 pF
Another function of the input capacitance is to reduce the
effects of charge injection. The charge injection-based current
has frequency components at the 330 kHz chopping frequency
and its harmonics. In the time domain, these frequency
components appear as current pulses (appearing at regular
intervals related to the chopping frequency). When these small
current pulses interact with source impedances or gain setting
resistors, the resulting voltage spikes are amplified by the
closed-loop gain.
For higher source impedances, this may cause the 330 kHz
chopping frequency to be visible in the output spectrum, which
is known as clock feedthrough. To prevent excessive clock feed-
through, keep the gain setting resistors and source impedances
as low as possible. When dc highly resistive source impedance is
required, the capacitor across the source impedance reduces the
ac impedance, reducing the amplitude of the input voltage
spikes. Another way to reduce clock injection effects is to
bandwidth limit after the op amp output.
Injection currents from the two inputs are of equal magnitude
but opposite direction. Therefore, when chopping behavior is
the predominant source of IB, the effects of IB on the offset
voltage cannot be canceled by placing matched impedances at
both inputs.
Above 50°C, ESD protection diode leakage current begins to
dominate the input bias current and continues to increase
exponentially at elevated temperatures. The input bias cancellation
circuit of the ADA4523-1 minimizes this temperature driven
growth of the leakage current to keep the input bias current low
over all temperatures. Unlike injection current, leakage currents
are in the same direction for both inputs. Therefore, the output
error due to leakage current may be mitigated by matching the
source impedances seen by the two inputs. If the source impedance
matching technique is employed to cancel the effect of the
leakage currents, at less than 50°C, there is an offset voltage
error of 2IB × R due to the charge injection currents. For
example, if IB = 100 pA and R = 10 kΩ, the error is 2 μV.
THERMOCOUPLE EFFECTS
To achieve accuracy on the microvolt level, consider thermo-
couple effects. Any connection of dissimilar metals forms a
thermoelectric junction and generates a small temperature
dependent voltage, which is known as the Seebeck effect. These
thermal electric magnetic fields (EMFs) can be the dominant
error source in low drift circuits.
Connectors, switches, relay contacts, sockets, resistors, and
solders are all candidates for significant thermal EMF generation.
Even junctions of copper wire from different manufacturers can
generate thermal EMFs of 200 nV/°C, which is over 10 times
the maximum drift specification of the ADA4523-1. Figure 68
and Figure 69 illustrate the potential magnitude of these
voltages and their sensitivity to temperature.
3.0
2.8
2.6
2.4
2.2
1.8
2.0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
25
30
35
40
45
TEMPERATURE (°C)
Figure 68. Thermal EMF Generated by the Junction of Two Copper Wires
from Different Manufacturers
100
50
0
–50
–100
0
1020
304050
SOLDER TO COPPER JUNCTION DIFFERENTIAL TEMPERATURE
SOURCE: NEW ELECTRONICS 02-06-77
SLOPE ≈ 1.5µV/°C
BELOW 25°C
SLOPE ≈ 160nV/°C
BELOW 25°C
64% Sn/36% Pb
60% Cd/40% Sn
Figure 69. Solder Copper Thermal EMFs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com