Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BASH16MX2WT5G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BASH16MX2WT5G
Description  High Voltage Switching Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BASH16MX2WT5G Datasheet(HTML) 2 Page - ON Semiconductor

  BASH16MX2WT5G Datasheet HTML 1Page - ON Semiconductor BASH16MX2WT5G Datasheet HTML 2Page - ON Semiconductor BASH16MX2WT5G Datasheet HTML 3Page - ON Semiconductor BASH16MX2WT5G Datasheet HTML 4Page - ON Semiconductor BASH16MX2WT5G Datasheet HTML 5Page - ON Semiconductor BASH16MX2WT5G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BASH16MX2W
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
(VR = 80 Vdc)
BASH16
(VR = 100 Vdc)
BASH19
(VR = 150 Vdc)
BASH20
(VR = 200 Vdc)
BASH21
(VR = 80 Vdc, TJ = 150°C)
BASH16
(VR = 25 Vdc, TJ = 150°C)
BASH16
(VR = 100 Vdc, TJ = 150°C)
BASH19
(VR = 150 Vdc, TJ = 150°C)
BASH20
(VR = 200 Vdc, TJ = 150°C)
BASH21
IR
−
−
−
−
−
−
−
−
−
0.5
0.1
0.1
0.1
50
30
100
100
100
mAdc
Reverse Breakdown Voltage (IBR = 100 mAdc)
BASH16
BASH19
BASH20
BASH21
V(BR)
100
120
200
250
−
−
−
−
Vdc
Forward Voltage
(IF = 100 mAdc)
(IF = 200 mAdc)
VF
−
−
1.0
1.25
Vdc
Diode Capacitance (VR = 0, f = 1.0 MHz)
CD
−
3.0
pF
Reverse Recovery Time
(IF = IR = 10 mAdc, RL = 50 W)
BASH16
(IF = IR = 30 mAdc, RL = 100 W)
BASH19/20/21
trr
−
−
6.0
50
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Notes: 1. A 2.0 kW variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820
W
0.1
mF
D.U.T.
VR
100
mH
0.1
mF
50
W OUTPUT
PULSE
GENERATOR
50
W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1.0 mA
OUTPUT PULSE
(IF = IR = 10 mA; MEASURED
at iR(REC) = 1.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com