Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS388 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # 1SS388
Description  1SS388 FAST SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

1SS388 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  1SS388 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 1SS388 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 1SS388 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Data Sheet N2105, Rev. -
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
1SS388
Characteristic
Symbol
Min
Max
Units
Test Condition
Forward Voltage*
VFM
-
0.28
0.36
0.60
V
@IF=1mA
@IF=10mA
@IF=50mA
Reverse Leakage Current*
IRM
-
5
uA
@VR=10V
Capacitance
CT
-
25
pF
VR=0V, f=1.0MHz
* Pulse width < 300 µs, duty cycle < 2%
Electrical Characteristics @TA=25°C unless otherwise specified
Mechanical Dimensions SOD-523
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.510
0.770
0.020
0.031
A1
0.500
0.700
0.020
0.028
b
0.250
0.350
0.010
0.014
c
0.080
0.200
0.003
0.008
D
0.700
0.850
0.028
0.033
E
1.100
1.300
0.043
0.051
E1
1.500
1.700
0.059
0.067
E2
0.200 REF
0.008 REF.
L
0.010
0.070
0.001
0.003
θ
7°REF
7°REF
Land Pattern Recommendation SOD-523 (Millimeters)
Tolerance: ±0.05mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com