Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6547 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N6547
Description  HIGH POWER NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N6547 Datasheet(HTML) 2 Page - STMicroelectronics

  2N6547 Datasheet HTML 1Page - STMicroelectronics 2N6547 Datasheet HTML 2Page - STMicroelectronics 2N6547 Datasheet HTML 3Page - STMicroelectronics 2N6547 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off Current
(VBE = 0)
VCE = 850 V
VCE = 850 V
Tc = 100
o C
1
4
mA
mA
ICER
Collector Cut-off Current
(RBE = 10
Ω)
VCE = 850 V
Tc = 100
oC5
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 9 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 100 mA
L = 25 mH
400
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 10 A
IB = 2 A
IC = 15 A
IB = 3 A
IC = 10A
IB = 2 A Tc =100
o C
1.5
5
2.5
V
V
V
VBE(sat)
∗ Base-Emitter Saturation
Voltage
IC = 10 A
IB = 2 A
IC = 10A
IB = 2 A Tc =100
o C
1.6
1.6
V
V
hFE
∗
DC Current Gain
IC = 5 A
VCE = 2 V
IC = 10 A
VCE = 2 V
12
6
30
fT
∗
Transition Frequency
IC = 0.5 A
VCE = 10 V
f = 1 MHz
6
24
MHz
CCBO
Collector-Base
Capacitance
(IE = 0)
VCB = 10 V
f = 1 MHz
360
pF
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2 %
RESISTIVE LOAD SWITCHING TIMES
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ton
ts
tf
Turn-on Time
Storage Time
Fall Time
VCC = 250 V
IC = 10 A
IB1 = - IB2 = 2 A
Tp ≥ 25 µs
1
4
0.7
µs
µs
µs
INDUCTIVE LOAD SWITCHING TIMES
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ts
tf
Storage Time
Fall Time
VCL = 450 V
IC = 10 A
LC = 180
µH
IB1 = 2 A
VBE = -5 V
Tc = 100
oC
5
1.5
µs
µs
2N6547
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com