Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCF8001 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # ISCF8001
Description  SiC N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCF8001 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  ISCF8001 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCF8001 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCF8001 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISCF8001 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISCF8001 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ISCF8001
SiC N-Channel MOSFET
www.iscsemi.com
2023-8-18
3
SOURCE-DRAIN BODY DIODE CHARACTERISTICS
Drain - Source Body Diode Characteristics
VSD
Diode Forward Voltage
ISD= 1A; VGS= 0V;TJ=25°C
--
3.5
--
V
ISD= 1A; VGS= 0V;TJ=150°C
--
3.4
--
trr
Reverse Recovery Time
VGS=-5V,ISD=2A
dI/dt=1200A/us,
Vds=1200V
--
23
--
ns
Qrr
Reverse Recovery Charge
--
31
--
uC
CUICUIT DIAGRAM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com