Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16856GS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD16856GS
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16856GS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD16856GS Datasheet HTML 1Page - Renesas Technology Corp UPD16856GS Datasheet HTML 2Page - Renesas Technology Corp UPD16856GS Datasheet HTML 3Page - Renesas Technology Corp UPD16856GS Datasheet HTML 4Page - Renesas Technology Corp UPD16856GS Datasheet HTML 5Page - Renesas Technology Corp UPD16856GS Datasheet HTML 6Page - Renesas Technology Corp UPD16856GS Datasheet HTML 7Page - Renesas Technology Corp UPD16856GS Datasheet HTML 8Page - Renesas Technology Corp UPD16856GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DATA SHEET
MOS INTEGRATED CIRCUIT
µµµµPD16856
MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
Document No. S13447EJ1V0DS00 (1st edition)
Date Published April 1999 N CP(K)
Printed in Japan
©
1999
The information in this document is subject to change without notice.
The
µPD16856 is a CD-ROM 3-phase spindle motor driver consisting of a CMOS controller and MOS bridge
outputs.
By employing 3-phase full-wave PWM as the drive method and MOS FETs at the output stage, it has been
possible to reduce the power consumption of the
µPD16856 ever further than the conventional linear drive drivers
that use bipolar transistors.
By using a 30-pin shrink SOP package, a more compact-size has been achieved.
FEATURES
•
Supply voltage for controller block: 5 V, supply voltage for output block: 12 V
3 V input available for the input interface
•
Low on-state resistance (total on-state resistance of upper and lower MOS FETs) RON = 1.3
Ω (TYP.)
•
Low power consumption due to 3-phase full-wave PWM drive method
•
On-chip hole bias switch (linked with STB pin)
•
On-chip IND (FG) pulse switching function, 1-phase output or 3-phase composite output
•
START/STOP pin included, acting as a brake during STOP
•
Standby pins included, turning off internal circuit in standby
•
Low current consumption: IDD = 3 mA (Max.), IDD (ST) = 1
µA (Max.)
•
On-chip thermal shutdown circuit
•
On-chip current limiting circuit; reference voltage can be set externally
•
On-chip low voltage malfunction prevention circuit
•
On-chip reverse rotation prevention circuit
•
30-pin plastic shrink SOP (300 mil)
ORDERING INFORMATION
Part Number
Package
µPD16856GS
30-pin shrink SOP (0.8-mm pitch, 300 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com