Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT139M Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT139M
Description  DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT139M Datasheet(HTML) 2 Page - Texas Instruments

  CD74ACT139M Datasheet HTML 1Page - Texas Instruments CD74ACT139M Datasheet HTML 2Page - Texas Instruments CD74ACT139M Datasheet HTML 3Page - Texas Instruments CD74ACT139M Datasheet HTML 4Page - Texas Instruments CD74ACT139M Datasheet HTML 5Page - Texas Instruments CD74ACT139M Datasheet HTML 6Page - Texas Instruments CD74ACT139M Datasheet HTML 7Page - Texas Instruments CD74ACT139M Datasheet HTML 8Page - Texas Instruments CD74ACT139M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CD54ACT139, CD74ACT139
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SCHS337 – MARCH 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
(each decoder/demultiplexer)
INPUTS
OUTPUTS
G
SELECT
OUTPUTS
G
B
A
Y0
Y1
Y2
Y3
H
X
X
H
H
H
H
L
L
LL
HH
H
L
L
HH
LH
H
L
H
LH
HL
H
L
H
H
H
H
H
L
logic diagram (positive logic)
Select
Inputs
Select
Inputs
2B
2A
2G
1B
1A
1G
Data
Outputs
2Y3
2Y2
2Y1
2Y0
1Y3
1Y2
1Y1
1Y0
1
2
3
15
14
13
4
5
6
7
12
11
10
9
absolute maximum ratings over operating free-air temperature range†
Supply voltage range, VCC
–0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 1)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): E package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com