Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N60L-TN3-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 2N60L-TN3-R
Description  2 Amps, 600 Volts N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60L-TN3-R Datasheet(HTML) 7 Page - Unisonic Technologies

  2N60L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-053,E
TYPICAL CHARACTERISTICS(Cont.)
-100
Junction Temperature, TJ (℃)
-50
50
200
VGS=10V
ID=250μA
100
150
1.2
Breakdown Voltage vs. Temperature
0
1.1
1.0
0.9
0.8
-100
Junction Temperature, TJ (℃)
-50
50
200
VGS=10V
ID=4.05A
100
150
3.0
On -Resistance vs. Temperature
0
2.0
1.0
0.5
0.0
1.5
2.5
10
1
10
0
10-2
Drain-Source Voltage, VDS (V)
Max. Safe Operating Area
10
2
10
1
10
0
D
C
10-1
100μs
1ms
10
3
Operation in This Area
is Limited by RDS(on)
10μs
10m
s
TC=25℃
TJ=125℃
Single Pulse
Case Temperature, TC (℃)
75
100
150
Max. Drain Current vs. Case Temperature
0.0
125
50
25
0.5
1.0
1.5
2.0
Square Wave Pulse Duration, t1 (s)
Thermal Response
10
0
10-5
100
10
-1
10-4
10-3
10-2
10-1
10
1
Single pulse
D=0.5
0.2
0.1
0.05
0.02
0.01
PDM
t1
t2
θJC (t) = 2.78℃/W Max.
Duty Factor, D=t1/t2
TJM-TC=PDM×θJC (t)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com