Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16901GS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD16901GS
Description  MOS INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16901GS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD16901GS Datasheet HTML 1Page - Renesas Technology Corp UPD16901GS Datasheet HTML 2Page - Renesas Technology Corp UPD16901GS Datasheet HTML 3Page - Renesas Technology Corp UPD16901GS Datasheet HTML 4Page - Renesas Technology Corp UPD16901GS Datasheet HTML 5Page - Renesas Technology Corp UPD16901GS Datasheet HTML 6Page - Renesas Technology Corp UPD16901GS Datasheet HTML 7Page - Renesas Technology Corp UPD16901GS Datasheet HTML 8Page - Renesas Technology Corp UPD16901GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©
1997
DATA SHEET
MOS INTEGRATED CIRCUIT
Document No. S10643EJ2V0DS00 (2nd edition)
Date Published May 1997 N
Printed in Japan
µPD16901
The
µPD16901 is a DC/DC converter IC which produces a 12 V output from a 5 V input source. The integration
of a control circuit and power MOSFET in the output stage on a single-chip allows a power supply for flash memory
write and erasure to be configured with a reduced number of external components.
FEATURES
•
With an on-chip output stage power MOSFET, fewer external components are needed.
•
The ALLMOS structure achieves low power consumption.
•
Internally set output voltage eliminates the need for adjustment.
•
Output can be turned ON/OFF via an external signal.
•
A timer latch type overcurrent protection circuit on chip
ORDERING INFORMATION
Part Number
Package
µPD16901GS
14-pin plastic SOP (300 mil)
BLOCK DIAGRAM
ON/OFF
VIN
CDLY
C1H
C1L
C2
FB
RT
GND
C.S.
VSW
F/F
Reference
voltage circuit
Startup
circuit
Timer latch short-circuit
protection circuit
Charge pump
circuit
Oscillation
circuit
Overcurrent
detection circuit
β
SW
FLASH MEMORY VOLTAGE STEPUP DC/DC CONVERTER IC
The information in this document is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com