Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N60L-TA3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 2N60L-TA3-R
Description  2 Amps, 600 Volts N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60L-TA3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  2N60L-TA3-R Datasheet HTML 1Page - Unisonic Technologies 2N60L-TA3-R Datasheet HTML 2Page - Unisonic Technologies 2N60L-TA3-R Datasheet HTML 3Page - Unisonic Technologies 2N60L-TA3-R Datasheet HTML 4Page - Unisonic Technologies 2N60L-TA3-R Datasheet HTML 5Page - Unisonic Technologies 2N60L-TA3-R Datasheet HTML 6Page - Unisonic Technologies 2N60L-TA3-R Datasheet HTML 7Page - Unisonic Technologies 2N60L-TA3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-053,E
TEST CIRCUITS AND WAVEFORMS (Cont.)
VGS
D.U.T.
RG
10V
VDS
RL
VDD
VDS
90%
10%
VGS
tD(ON)
tR
tD(OFF)
tF
Pulse Width ≤ 1μs
Duty Factor ≤0.1%
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
50kΩ
0.3μF
DUT
VDS
Same Type
as D.U.T.
10V
0.2μF
12V
Charge
QGS
QGD
QG
VGS
3mA
VG
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
D.U.T.
RD
10V
VDS
L
VDD
tp
IAS
tp
Time
BVDSS
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com