Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N60-TM3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2N60-TM3-R
Description  2 Amps, 600 Volts N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60-TM3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2N60-TM3-R Datasheet HTML 1Page - Unisonic Technologies 2N60-TM3-R Datasheet HTML 2Page - Unisonic Technologies 2N60-TM3-R Datasheet HTML 3Page - Unisonic Technologies 2N60-TM3-R Datasheet HTML 4Page - Unisonic Technologies 2N60-TM3-R Datasheet HTML 5Page - Unisonic Technologies 2N60-TM3-R Datasheet HTML 6Page - Unisonic Technologies 2N60-TM3-R Datasheet HTML 7Page - Unisonic Technologies 2N60-TM3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-053,E
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Switching Characteristics
Turn-On Delay Time
tD (ON)
10
30
ns
Rise Time
tR
25
60
ns
Turn-Off Delay Time
tD(OFF)
20
50
ns
Fall Time
tF
VDD =300V, ID =2.4A, RG=25Ω
(Note 1,2)
25
60
ns
Total Gate Charge
QG
9.0
11
nC
Gate-Source Charge
QGS
1.6
nC
Gate-Drain Charge
QGD
VDS=480V, VGS=10V, ID=2.4A
(Note 1, 2)
4.3
nC
Drain-Source Diode Characteristics
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, ISD = 2.0 A
1.4
V
Continuous Drain-Source Current
ISD
2.0
A
Pulsed Drain-Source Current
ISM
8.0
A
Reverse Recovery Time
tRR
180
ns
Reverse Recovery Charge
QRR
VGS = 0 V, ISD = 2.4A,
di/dt = 100 A/µs (Note1)
0.72
µC
Note: 1. Pulse Test: Pulse Width ≤300µs, Duty Cycle≤2%
2. Essentially Independent of Operating Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com