Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHDMI2AB4Z Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PHDMI2AB4Z
Description  ESD protection for ultra high-speed interfaces
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHDMI2AB4Z Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PHDMI2AB4Z Datasheet HTML 1Page - Nexperia B.V. All rights reserved PHDMI2AB4Z Datasheet HTML 2Page - Nexperia B.V. All rights reserved PHDMI2AB4Z Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHDMI2AB4Z Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHDMI2AB4Z Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHDMI2AB4Z Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHDMI2AB4Z Datasheet HTML 7Page - Nexperia B.V. All rights reserved PHDMI2AB4Z Datasheet HTML 8Page - Nexperia B.V. All rights reserved PHDMI2AB4Z Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Nexperia
PHDMI2AB4
ESD protection for ultra high-speed interfaces
aaa-028624
-225 ps
-191 ps
-157 ps
-124 ps
-90.2 ps
-56.5 ps
-22.8 ps
10.9 ps
44.5 ps
78.2 ps
112 ps
3
801 mV
601 mV
401 mV
201 mV
1 mV
-199 mV
-399 mV
-599 mV
-799 mV
Test frequency: 148.5 MHz
Differential swing voltage: 813 mV
Horizontal scale: 34 ps/div
Fig. 5. HDMI 2.0 TP1 eye diagram, PCB with device (2160p, 60 Hz)
-225 ps
-191 ps
-157 ps
-124 ps
-90.2 ps
-56.5 ps
-22.8 ps
10.9 ps
44.5 ps
78.2 ps
112 ps
3
801 mV
601 mV
401 mV
201 mV
1 mV
-199 mV
-399 mV
-599 mV
-799 mV
Test frequency: 148.5 MHz
Differential swing voltage: 883 mV
Horizontal scale: 34 ps/div
Fig. 6. HDMI 2.0 TP1 eye diagram, PCB without device (2160p, 60 Hz)
PHDMI2AB4
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
8 June 2018
5 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com