Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHN210 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PHN210
Description  Dual N-channel enhancement mode TrenchMOSTM transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHN210 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PHN210 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PHN210 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PHN210 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHN210 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHN210 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHN210 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHN210 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PHN210 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
Dual N-channel enhancement mode
PHN210
TrenchMOS
TM transistor
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Dual device
V
DS = 30 V
• Low threshold voltage
• Fast switching
I
D = 3.4 A
• Logic level compatible
• Surface mount package
R
DS(ON) ≤ 100 mΩ (VGS = 10 V)
R
DS(ON) ≤ 200 mΩ (VGS = 4.5 V)
GENERAL DESCRIPTION
PINNING
SOT96-1
Dual
N-channel
enhancement
PIN
DESCRIPTION
mode field-effect transistor in a
plastic envelope using ’trench’
1
source 1
technology.
2
gate 1
Applications:-
• Motor and relay drivers
3
source 2
• d.c. to d.c. converters
• Logic level translator
4
gate 2
The PHN210 is supplied in the
5,6
drain 2
SOT96-1 (SO8) surface mounting
package.
7,8
drain 1
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Repetitive peak drain-source
T
j = 25 ˚C to 150˚C
-
30
V
voltage
V
DS
Continuous drain-source voltage
-
30
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-30
V
V
GS
Gate-source voltage
-
± 20
V
I
D
Drain current per MOSFET
1
T
a = 25 ˚C
-
3.4
A
T
a = 70 ˚C
-
2.8
A
I
D
Drain current per MOSFET (both
T
a = 25 ˚C
-
2.4
A
MOSFETs conducting)
1
T
a = 70 ˚C
-
1.9
A
I
DM
Drain current per MOSFET (pulse
T
a = 25 ˚C
-
14
A
peak value)
P
tot
Total power dissipation (either or
T
a = 25 ˚C
-
2
W
both MOSFETs conducting)
1
T
a = 70 ˚C
-
1.3
W
T
stg, Tj
Storage & operating temperature
- 65
150
˚C
d1
g1
s1
d1
d2
g2
d2
s2
12
34
5
6
7
8
pin 1 index
1 Surface mounted on FR4 board, t
≤ 10 sec
January 2002
1
Rev 1.100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com