Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC93R52 Datasheet(PDF) 12 Page - Motorola, Inc

Part # MPC93R52
Description  LOW VOLTAGE 3.3V LVCMOS 1:11 CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC93R52 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button MPC93R52 Datasheet HTML 8Page - Motorola, Inc MPC93R52 Datasheet HTML 9Page - Motorola, Inc MPC93R52 Datasheet HTML 10Page - Motorola, Inc MPC93R52 Datasheet HTML 11Page - Motorola, Inc MPC93R52 Datasheet HTML 12Page - Motorola, Inc MPC93R52 Datasheet HTML 13Page - Motorola, Inc MPC93R52 Datasheet HTML 14Page - Motorola, Inc MPC93R52 Datasheet HTML 15Page - Motorola, Inc MPC93R52 Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MPC93R52
MOTOROLA
TIMING SOLUTIONS
12
OUTLINE DIMENSIONS
FA SUFFIX
LQFP PACKAGE
CASE 873A-03
ISSUE B
12 REF
D1
D/2
E
E1
1
8
9
17
25
32
F
F
e/2
DETAIL G
BASE
c1
c
b
b1
METAL
SECTION F–F
e
SEATING
PLANE
R R2
_
(S)
L
(L1)
0.25
GAUGE PLANE
A2
A
A1
DETAIL AD
DETAIL AD
D1/2
E1/2
E/2
4X
D
7
A
D
B
A–B
0.20
H
0.1 C
( 1 )
_
8X
A, B, D
A–B
M
0.20
D
C
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
3. DATUMS A, B, AND D TO BE DETERMINED AT
DATUM PLANE H.
4. DIMENSIONS D AND E TO BE DETERMINED AT
SEATING PLANE C.
5. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED
THE MAXIMUM b DIMENSION BY MORE THAN
0.08–mm. DAMBAR CANNOT BE LOCATED ON THE
LOWER RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSION AND ADJACENT LEAD OR
PROTRUSION: 0.07–mm.
6. DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS
0.25–mm PER SIDE. D1 AND E1 ARE MAXIMUM
PLASTIC BODY SIZE DIMENSIONS INCLUDING
MOLD MISMATCH.
7. EXACT SHAPE OF EACH CORNER IS OPTIONAL.
8. THESE DIMENSIONS APPLY TO THE FLAT
SECTION OF THE LEAD BETWEEN 0.1–mm AND
0.25–mm FROM THE LEAD TIP.
DIM
MIN
MAX
MILLIMETERS
A
A1
7.00 BSC
A2
0.80 BSC
b
9.00 BSC
b1
0.30
0.40
c
0.09
0.20
c1
0.09
0.16
D
D1
e
E
E1
L
L1
1.00 REF
R1
0.08
0.20
R2
S
1
1.40
1.60
0.05
0.15
1.35
1.45
0.30
0.45
0.08
–––
0
7
__
_
9.00 BSC
7.00 BSC
0.50
0.70
θ
θ
0.20 REF
D
4X
A–B
0.20 C
D
6
6
4
4
DETAIL G
PIN 1 INDEX
C
32X
28X
H
5
8
PLATING
3
q
q
R R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com