Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-3624 Datasheet(PDF) 1 Page - CUI Devices

Part # CS-3624
Description  solid state buzzer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CS-3624 Datasheet(HTML) 1 Page - CUI Devices

  CS-3624 Datasheet HTML 1Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
cuidevices.com
page
date
DESCRIPTION: solid state buzzer
1 of 1
08/05/2022
PART NUMBER: CS-3624
SPECIFICATONS
operating voltage
20 ~ 28 V DC
current consumption
24 mA max.
at 24 V DC
sound pressure level
76 db min.
at 30 cm/24 V DC
s
u
o
u
n
it
n
o
c
e
n
o
t
operating tempurature
-20~ +60° C
storage tempurature
-30 ~ +70° C
.
x
a
m
g
7
.
9
t
h
g
i
e
w
s
e
y
S
H
o
R
APPEARANCE DRAWING
26.0
red
black
(2 PLCS)
2.25
15.50
UL1007 26AWG
5.0
120.0
22.8
32.0
17.0
2.0
5.0
2.0
(2 PLCS)
CURRENT CONSUMPTION/SOUND PRESSURE LEVEL
tolerance: ±0.5
units: mm
Additional Resources: Product Page | 3D Model


Similar Part No. - CS-3624

ManufacturerPart #DatasheetDescription
logo
CUI INC
CS-3624 CUI-CS-3624 Datasheet
105Kb / 1P
solid state buzzer
CS-3624 CUI-CS-3624 Datasheet
497Kb / 1P
solid state buzzer
05/22/2020
CS-3624 CUI-CS-3624_V01 Datasheet
497Kb / 1P
solid state buzzer
05/22/2020
More results

Similar Description - CS-3624

ManufacturerPart #DatasheetDescription
logo
CUI INC
CS-3212 CUI-CS-3212 Datasheet
122Kb / 1P
solid state buzzer
CS-3624 CUI-CS-3624 Datasheet
105Kb / 1P
solid state buzzer
CS-8412 CUI-CS-8412 Datasheet
124Kb / 1P
solid state buzzer
CS-8406 CUI-CS-8406_V01 Datasheet
136Kb / 1P
SOLID STATE BUZZER
05/22/2020
CS-8412 CUI-CS-8412_V01 Datasheet
409Kb / 1P
solid state buzzer
05/22/2020
CS-3606 CUI-CS-3606_V01 Datasheet
543Kb / 1P
solid state buzzer
05/22/2020
CS-3624 CUI-CS-3624_V01 Datasheet
497Kb / 1P
solid state buzzer
05/22/2020
logo
CUI Devices
CS-3603 CUID-CS-3603 Datasheet
602Kb / 1P
solid state buzzer
08/05/2022
CS-3612 CUID-CS-3612 Datasheet
612Kb / 1P
solid state buzzer
08/05/2022
CS-8406 CUID-CS-8406 Datasheet
284Kb / 1P
SOLID STATE BUZZER
08/05/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com