Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4000FE Datasheet(PDF) 1 Page - Belden Inc.

Part # 4000FE
Description  Security & Sound, 2 Conductor 12 AWG BC, LSZH, Shielded, Eca
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

4000FE Datasheet(HTML) 1 Page - Belden Inc.

  4000FE Datasheet HTML 1Page - Belden Inc. 4000FE Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 4000FE
Security & Sound, 2 Conductor 12 AWG BC, LSZH, Shielded, Eca
Product Description
Security & Commercial Audio Cable, 2-12 AWG stranded bare copper conductors with polypropylene insulation, Beldfoil® shield, LSZH jacket with ripcord,
CPR Eca
Technical Specifications
Product Overview
Suitable Applications:
Commercial applications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Nominal Diameter No. of Conductors
12
19x25
BC - Bare Copper 2.3 mm
2
Conductor Count:
2
Insulation
Type
Material
Nominal Diameter Diameter +/- Tolerance Nominal Wall Thickness
Insulation PP - Polypropylene 3 mm
0.05 mm
0.35 mm
Color Chart
Number Color
Wire 1
Black
Wire 2
White
Outer Shield
Type
Material
Material Trade Name Coverage [%] Thickness of Foil Drainwire Material
Drainwire AWG
Tape
Bi-Laminate
(Alum+Poly)
Beldfoil®
100%
9 µm
TC - Tinned Copper AWG20/7
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness Ripcord
LSZH - Low Smoke Zero Halogen (Flame Retardant) 7.1 mm
0.38 mm
Yes
Table Notes:
Ripcord provided under sheath
Construction and Dimensions
Cabling
Description
2 wires twisted
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR Nominal Outer Shield DCR
5.2 Ohm/km
23.3 Ohm/km
Capacitance


Similar Part No. - 4000FE

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
4000 CANDD-4000 Datasheet
192Kb / 1P
Toroidal Surface Mount Inductors
logo
Powerbox
4000 POWERBOX-4000 Datasheet
353Kb / 1P
10W - 33KV SINGLEOUTPUT DC / DC INDUSTRIAL
logo
Keysight Technologies
4000 KEYSIGHT-4000 Datasheet
3Mb / 37P
InfiniiVision 4000 X-Series Oscilloscopes
logo
Moxa Inc.
4000 MOXA-4000 Datasheet
350Kb / 6P
Remote I/O modules
logo
Heyco.
4000 HEYCO-4000 Datasheet
128Kb / 1P
Nylon Knock Out Seals and Thick Panel Knock Out Seals
More results

Similar Description - 4000FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4100FE BELDEN-4100FE Datasheet
173Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, LSZH, Shielded, Eca
03-04-2023
4100UE BELDEN-4100UE Datasheet
176Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, LSZH, Eca
03-04-2023
4101FE BELDEN-4101FE Datasheet
184Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, LSZH, Shielded, Eca
12-19-2022
4200UE BELDEN-4200UE Datasheet
182Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, LSZH, Eca
03-04-2023
4200FE BELDEN-4200FE Datasheet
191Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, LSZH, Shielded, Eca
03-04-2023
4300FE BELDEN-4300FE Datasheet
189Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, LSZH, Shielded, Eca
03-04-2023
4000UE BELDEN-4000UE Datasheet
177Kb / 2P
Security & Sound, 2 Conductor 12 AWG BC, LSZH, Eca
12-19-2022
4500UE BELDEN-4500UE Datasheet
177Kb / 2P
Security & Sound, 2 Conductor 22 AWG BC, LSZH, Eca
08-25-2023
4300UE BELDEN-4300UE Datasheet
177Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, LSZH, Eca
03-04-2023
4500FE BELDEN-4500FE Datasheet
170Kb / 2P
Security & Sound, 2 Conductor 22 AWG BC, LSZH, Shielded, Eca
08-25-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com