Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS201 Datasheet(PDF) 1 Page - Microchip Technology

Part # HCS201
Description  Memory Programming Specification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS201 Datasheet(HTML) 1 Page - Microchip Technology

  HCS201 Datasheet HTML 1Page - Microchip Technology HCS201 Datasheet HTML 2Page - Microchip Technology HCS201 Datasheet HTML 3Page - Microchip Technology HCS201 Datasheet HTML 4Page - Microchip Technology HCS201 Datasheet HTML 5Page - Microchip Technology HCS201 Datasheet HTML 6Page - Microchip Technology HCS201 Datasheet HTML 7Page - Microchip Technology HCS201 Datasheet HTML 8Page - Microchip Technology HCS201 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41256A-page 1
HCSXXX
This document includes the
programming specifications for the
following devices:
1.0
PROGRAMMING THE HCSXXX
All of the KEELOQ® devices are programmed using a
serial method. This Serial mode allows KEELOQ
devices to be programmed while in users' systems,
which
increases
the
flexibility
of
designing
cryptographic encoders, decoders and transponders
into electronic systems. While some of the devices are
capable of being programmed through wireless
communications, the subject of this document is
focused on wired programmers that make contact with
the KEELOQ products while the components are in-
circuit or in a programmer socket. Additionally, this
programming specification only applies to all KEELOQ
devices listed above in all packages.
1.1
Programming Algorithm
Requirements
Depending on the device being programmed, the
method for entering Programming mode can be
achieved through the use of a combination of logic level
signals applied to the programming pins. One or two
pins are capable of accepting clock signals, while
another pin is dedicated to bidirectional data. These
pins are detailed in Table 1-1.
Additionally, the programming voltage range for VDD is
+5V ± 10% for all the KEELOQ devices. There is not a
requirement to apply high voltages to any of the pins
beyond the level of VDD in order to enter the
Programming mode. For more details about pin
configurations during programming, refer to Table 1-1.
1.2
Program/Verify Mode
The Program/Verify mode for the KEELOQ devices
allows programming for all memory locations within the
device being programmed. With the exception of the
decoders, these pins are also used to verify the memory
arrays.
• HCS200
• HCS360
• HCS500
• HCS201
• HCS361
• HCS512
• HCS300
• HCS362
• HCS515
• HCS301
• HCS410
• HCS320
• HCS412
Note:
For
the
purpose
of
this
document,
“KEELOQ devices” and “KEELOQ products”
refers to all of the components listed
above.
HCSXXX Memory Programming Specification


Similar Part No. - HCS201

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS201 MICROCHIP-HCS201 Datasheet
383Kb / 28P
KEELOQ Code Hopping Encoder
2001
HCS201 MICROCHIP-HCS201 Datasheet
707Kb / 36P
KEELOQ짰 Code Hopping Encoder 34-bit fixed code (28-bit serial number
2011
HCS201 MICROCHIP-HCS201_11 Datasheet
707Kb / 36P
KEELOQ짰 Code Hopping Encoder 34-bit fixed code (28-bit serial number
2011
More results

Similar Description - HCS201

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
EEPROM Memory Programming Specification
1996
PIC17CXX MICROCHIP-PIC17CXX Datasheet
137Kb / 16P
EPROM Memory Programming Specification
1996
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
FLASH Memory Programming Specification
2002
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
Flash Memory Programming Specification
2002 - 2003
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
EPROM Memory Programming Specification
2001
PIC16F87X MICROCHIP-PIC16F87X_02 Datasheet
199Kb / 22P
EEPROM Memory Programming Specification
2002
PIC18F2XK20 MICROCHIP-PIC18F2XK20 Datasheet
544Kb / 42P
Flash Memory Programming Specification
03/26/09 2009
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
Flash Memory Programming Specification
01/05/10 2010
PIC16LF145X MICROCHIP-PIC16LF145X Datasheet
495Kb / 38P
PIC16(L)F145X Memory Programming Specification
11/29/11 2011-2012
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
Flash Memory Programming Specification
11/29/11 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com