Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS301 Datasheet(PDF) 19 Page - Microchip Technology

Part # HCS301
Description  Memory Programming Specification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS301 Datasheet(HTML) 19 Page - Microchip Technology

Back Button HCS301 Datasheet HTML 15Page - Microchip Technology HCS301 Datasheet HTML 16Page - Microchip Technology HCS301 Datasheet HTML 17Page - Microchip Technology HCS301 Datasheet HTML 18Page - Microchip Technology HCS301 Datasheet HTML 19Page - Microchip Technology HCS301 Datasheet HTML 20Page - Microchip Technology HCS301 Datasheet HTML 21Page - Microchip Technology HCS301 Datasheet HTML 22Page - Microchip Technology HCS301 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41256A-page 19
HCSXXX
5.2
Timing Requirements for Program/Verify Mode – Transponders
AC/DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise
stated)
Operating Temperature +25°C
± 5°C
Operating Voltage
4.5V
≤ VDD ≤ 5.5V
Sym
Characteristics
Min
Max
Units
Conditions/Comments
HCS410, HCS412
TAS
ACK start time
100
µs
TCLKH
Clock high time
50
µs
TCLKL
Clock low time
50
µs
TDH
Data hold time
20
µs
TDS
Data stable time
20
µs
TDV
Data valid time
20
µs
TPH1
Program Hold Time 1
4
ms
TPH2
Program Hold Time 2
100
µs
TPROG
Bulk write time
2.2
ms
TPS
Program mode setup time
3
5
ms
TWC
EEPROM write time
36
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com