Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730C Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6730C
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730C Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6730C Datasheet HTML 23Page - STMicroelectronics L6730C Datasheet HTML 24Page - STMicroelectronics L6730C Datasheet HTML 25Page - STMicroelectronics L6730C Datasheet HTML 26Page - STMicroelectronics L6730C Datasheet HTML 27Page - STMicroelectronics L6730C Datasheet HTML 28Page - STMicroelectronics L6730C Datasheet HTML 29Page - STMicroelectronics L6730C Datasheet HTML 30Page - STMicroelectronics L6730C Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
L6730C - L6730D
Device description
27/50
5.12
Thermal shutdown
When the junction temperature reaches 150°C ±10°C the device enters in thermal shutdown.
Both MOSFETs are turned OFF and the soft-start capacitor is rapidly discharged with an
internal switch. The device does not restart until the junction temperature goes down to 120°C
and, in any case, until the voltage at the soft-start pin reaches 500mV.
5.13
Minimum on-time (TON, MIN)
The device can manage minimum on-times lower than 100ns. This feature comes from the
control topology and from the particular over-current-protection system of the L6730C -
L6730D. In fact, in a voltage mode controller the current has not to be sensed to perform the
regulation and, in the case of L6730C - L6730D, neither for the over-current protection, given
that during the off-time the valley-current-protection can operate. The first advantage related to
this feature is the possibility to realize extremely low conversion ratios. Figure 22. shows a
conversion from 14V to 0.5V at 820KHz with a TON of about 50ns. The on-time is limited by the
turn-on and turn-off times of the MOSFETs.
Figure 22. 14V -> 0.5V@820KHz, 5A
50ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com