Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUJ302AX Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUJ302AX
Description  Silicon Diffused Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ302AX Datasheet(HTML) 3 Page - NXP Semiconductors

  BUJ302AX Datasheet HTML 1Page - NXP Semiconductors BUJ302AX Datasheet HTML 2Page - NXP Semiconductors BUJ302AX Datasheet HTML 3Page - NXP Semiconductors BUJ302AX Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Philips Semiconductors
Objective specification
Silicon Diffused Power Transistor
BUJ302AX
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.1. SOT186A; The seating plane is electrically isolated from all terminals.
Notes
1. Refer to mounting instructions for F-pack envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10.3
max
3.2
3.0
4.6
max
2.9 max
2.8
seating
plane
6.4
15.8
max
0.6
2.5
2.54
5.08
12
3
3 max.
not tinned
3
0.5
2.5
0.9
0.7
M
0.4
15.8
max.
19
max.
13.5
min.
Recesses (2x)
2.5
0.8 max. depth
1.0 (2x)
1.3
August 1998
3
Rev 1.000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com