Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD22100GS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPD22100GS
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD22100GS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD22100GS Datasheet HTML 6Page - Renesas Technology Corp UPD22100GS Datasheet HTML 7Page - Renesas Technology Corp UPD22100GS Datasheet HTML 8Page - Renesas Technology Corp UPD22100GS Datasheet HTML 9Page - Renesas Technology Corp UPD22100GS Datasheet HTML 10Page - Renesas Technology Corp UPD22100GS Datasheet HTML 11Page - Renesas Technology Corp UPD22100GS Datasheet HTML 12Page - Renesas Technology Corp UPD22100GS Datasheet HTML 13Page - Renesas Technology Corp UPD22100GS Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
µPD22100, 22148
8
SWITCHING TIME CHARACTERISTICS (Ta = 25
°C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
VDD(V)
CONDITIONS
tPLH
30
60
5
Signal INPUT
→ Signal OUTPUT
tPHL
15
30
ns
10
RL = 10 k
Ω, CL = 50 pF. tr = tf = 20 ns
10
20
15
400
800
5
Strobe INPUT
RL = 1 k
Ω
tPZH
225
450
ns
10
→ OUTPUT
CL = 50 pF
180
360
15
tr, tf = 20 ns
310
620
5
Data INPUT
tPZH
220
440
ns
10
→ OUTPUT
200
400
15
450
900
5
Address INPUT
Propagation Delay
tPZH
235
470
ns
10
→ OUTPUT
Time
190
380
15
265
530
5
Strobe INPUT
tPHZ
185
370
ns
10
→ OUTPUT
170
340
15
310
620
5
Data INPUT
tP
210
420
ns
10
→ OUTPUT
200
400
15
535
1070
5
Address INPUT
tPHZ
310
720
ns
10
→ OUTPUT
260
520
15
Set Up Time
140
280
5
Data INPUT
tset up
70
140
ns
10
→
Strobe
60
120
15
Address
Hold Time
270
540
5
Data INPUT
thold
180
360
ns
10
→
Strobe INPUT
110
220
15
Address INPUT
Frequency
0.6
1.2
5
RL = 1 k
Ω, CL = 50 pF
f
φmax.
1.6
3.2
MHz
10
tr, tf = 20 ns
2.5
5
15
Strobe Pulse
PW
300
600
5
Width
(STROBE)
120
240
ns
10
90
190
15
Crosstalk Voltage
75
mV
10
RL = 10 k
Ω
(peak)
tr = tf = 20 ns Rectronglar
INPUT Capacitance
5
7.5
pF
Data, Strobe, Address INPUT
CIN
105
pF
Signal
Xn
75
INPUT
Yn
Feedthrough
CIN/OUT
1.1
pF
Capacitance
Frequency
RL = 1 k
Ω, VIS = 5 V(p-p)
Response
−
15
MHz
10
20 log
=
−3 dB
(Switch ON)
Feedthrough
RL = 1 k
Ω, f = 1.6 kHz, VIS = 5 V(p-p)
Attenuation
−
−60
dB
10
Sine Wave Input
(Switch Off)
Sine Wave
−
0.5
%
10
RL = 1 k
Ω, VIS = 5 V(p-p)
Distortion
f = 1 kHz
Crosstalk Between
RL = 1 k
Ω
20 log
=
−40 dB
Any Two Switches
−
1.5
MHz
10
SW(A) = ON
SW(B) = OFF
VCC = 5 V
VOS
VIS
VO (B)
VI (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com